Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 51Page - Infineon Technologies AG TLE6368 Datasheet HTML 52Page - Infineon Technologies AG TLE6368 Datasheet HTML 53Page - Infineon Technologies AG TLE6368 Datasheet HTML 54Page - Infineon Technologies AG TLE6368 Datasheet HTML 55Page - Infineon Technologies AG TLE6368 Datasheet HTML 56Page - Infineon Technologies AG TLE6368 Datasheet HTML 57Page - Infineon Technologies AG TLE6368 Datasheet HTML 58Page - Infineon Technologies AG TLE6368 Datasheet HTML 59Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
57
Rev. 2.2, 2006-12-01
6
Package Outlines
Green Product (RoHs compliant)
To meet the world-wide customer requirements for environmentally friendly products
and to be compliant with government regulations the device is available as a green
product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for
Pb-free soldering according to IPC/JEDEC J-STD-020).
Bottom View
1) Does not include plastic or metal protrusion of 0.15 max. per side
2) Stand off
1
18
0.25
±0.1
1.1
36
+0.13
0.25
36x
19
M
(Heatslug)
15.74
0.65
17 x 0.65 = 11.05
±0.1
C
AB
19
C
0.1
36
2.8
B
11±0.15
1)
6.3
14.2 ±0.3
B
±0.15
0.25
Heatslug
0.95
Heatslug
13.7
10
1
-0.2
Index Marking
15.9
1)
±0.1
A
1 x 45˚
PG-DSO-36-26
SMD = Surface Mounted Device
Dimensions in mm
You can find all of our packages, sorts of packing and others in our
Infineon Internet Page “Products”: http://www.infineon.com/products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com