Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6368 Datasheet HTML 1Page - Infineon Technologies AG TLE6368 Datasheet HTML 2Page - Infineon Technologies AG TLE6368 Datasheet HTML 3Page - Infineon Technologies AG TLE6368 Datasheet HTML 4Page - Infineon Technologies AG TLE6368 Datasheet HTML 5Page - Infineon Technologies AG TLE6368 Datasheet HTML 6Page - Infineon Technologies AG TLE6368 Datasheet HTML 7Page - Infineon Technologies AG TLE6368 Datasheet HTML 8Page - Infineon Technologies AG TLE6368 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
4
Rev. 2.2, 2006-12-01
1.4
Pin definitions and functions
Pin No.
Symbol
Function
1,18,19,
36
GND
Ground; to reduce thermal resistance place cooling areas on
PCB close to these pins. The GND pins are connected internally
to the heat slug at the bottom.
2CLK
SPI Interface Clock input; clocks the shift register; CLK has an
internal active pull down and requires CMOS logic level
inputs;see also chapter SPI
3CS
SPI Interface chip select input; CS is an active low input; serial
communication is enabled by pulling the CS terminal low; CS
input should only be switched when CLK is low; CS has an
internal active pull up and requires CMOS logic level inputs ;see
also chapter SPI
4DI
SPI Interface Data input; receives serial data from the control
device; serial data transmitted to DI is a 16 bit control word with
the Least Significant Bit (LSB) being transferred first; the input
has an active pull down and requires CMOS logic level inputs; DI
will accept data on the falling edge of CLK-signal; see also
chapter SPI
5DO
SPI Interface Data output; this tristate output transfers
diagnosis data to the controlling device; the output will remain 3-
stated unless the device is selected by a low on Chip-Select CS;
see also the chapter SPI
6ERR
Error output; push-pull output. Monitors failures in parallel to the
SPI diagnosis word, reset via SPI. ERR is an active low, latched
output.
7Q_STB
Standby Regulator Output; the output is active even when the
buck regulator and all other circuitry is in off mode
8
Q_T1
Voltage Tracker Output T1 tracked to Q_LDO1; bypass with a
1µF ceramic capacitor for stability. It is switched on and off by
SPI command. Keep open, if not needed.
9
Q_T2
Voltage Tracker Output T2 tracked to Q_LDO1; bypass with a
1µF ceramic capacitor for stability. It is switched on and off by
SPI command. Keep open, if not needed.
10
Q_T3
Voltage Tracker Output T3 tracked to Q_LDO1; bypass with a
1µF ceramic capacitor for stability. It is switched on and off by
SPI command. Keep open, if not needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com