Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 24Page - Infineon Technologies AG TLE6368 Datasheet HTML 25Page - Infineon Technologies AG TLE6368 Datasheet HTML 26Page - Infineon Technologies AG TLE6368 Datasheet HTML 27Page - Infineon Technologies AG TLE6368 Datasheet HTML 28Page - Infineon Technologies AG TLE6368 Datasheet HTML 29Page - Infineon Technologies AG TLE6368 Datasheet HTML 30Page - Infineon Technologies AG TLE6368 Datasheet HTML 31Page - Infineon Technologies AG TLE6368 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
28
Rev. 2.2, 2006-12-01
3.3
Recommended Operation Range
-40°C < Tj < 150 °C
Item Parameter
Symbol
Limit Values
Unit
Condition
min.
typ.
max.
Buck
Inductor
LB
18
100
µH
1)
1) C
B, min needs about LB=47µH to avoid instabilities
Buck
Capacitor
CB
10
µF
ESR <0.15
Ω,
ceramic
capacitor (X7R)
recommended1)
Bootstrap
Capacitor
CBTP
2% of CB
SLEW
resistor
RSLEW
020
k
Ω
Linear
regulator
capacitors
CQ_LDO1-3 470
nF
ceramic
capacitor (X7R)
Tracker
bypass
capacitors
CQ_T1-6
1µF
ceramic
capacitor (X7R)
SPI rise and
fall timings,
CS, DI, CLK
tr,f
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com