Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 51Page - Infineon Technologies AG TLE6368 Datasheet HTML 52Page - Infineon Technologies AG TLE6368 Datasheet HTML 53Page - Infineon Technologies AG TLE6368 Datasheet HTML 54Page - Infineon Technologies AG TLE6368 Datasheet HTML 55Page - Infineon Technologies AG TLE6368 Datasheet HTML 56Page - Infineon Technologies AG TLE6368 Datasheet HTML 57Page - Infineon Technologies AG TLE6368 Datasheet HTML 58Page - Infineon Technologies AG TLE6368 Datasheet HTML 59Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
55
Rev. 2.2, 2006-12-01
5.7
Components recommendation - overview
Device Type
Supplier
Remark
LI
B82479
EPCOS
22
µH, 3.5A, 47mΩ
DO3340P-473
Coilcraft
47
µH, 3.8A, 110mΩ
DO5022P-683
Coilcraft
68
µH, 3.5A, 130mΩ
DS5022P-473
Coilcraft
47
µH, 4.0A, 97mΩ
SLF12575T-330M3R2-
H
TDK
33
µH, 3.2A
CI1
Ceramic
various
100nF, 60V
CI2
Low ESR tantalum
various
47
µF, 60V
CI3
Ceramic
various
10nF to 100nF, 60V
DBoost
S3B
various
LB
B82479
EPCOS
22
µH, 3.5A, 47mΩ
DO3340P-473
Coilcraft
47
µH, 3.8A, 110mΩ
DO5022P-683
Coilcraft
68
µH, 3.5A, 130mΩ
DS5022P-473
Coilcraft
47
µH, 4.0A, 97mΩ
SLF12575T-330M3R2-
H
TDK
33
µH, 3.2A
CBTSR
Ceramic
various
680nF, 10V
DB
MBRD360
ON
Schottky, 60V, 3A
MBRD340
ON
Schottky, 40V, 3A
SS34
FCH
Schottky, 40V, 3A
CB
B45197-A2226
EPCOS
Low ESR Tantalum, 22
µF, 10V,
C-case
2 * LMK316BJ475ML
Taiyo Yuden
2* Ceramic X7R, 4.7
µF, 10V
C3216X7R1C106M
TDK
Ceramic X7R, 10µF, 16V
TPSC476K010R350
AVX
Low ESR Tantalum, 47
µF, 10V,
C-case
CLDOx
Ceramic
various
470nF, 10V
CTx
Ceramic
various
1µF, 60V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com