Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 36Page - Infineon Technologies AG TLE6368 Datasheet HTML 37Page - Infineon Technologies AG TLE6368 Datasheet HTML 38Page - Infineon Technologies AG TLE6368 Datasheet HTML 39Page - Infineon Technologies AG TLE6368 Datasheet HTML 40Page - Infineon Technologies AG TLE6368 Datasheet HTML 41Page - Infineon Technologies AG TLE6368 Datasheet HTML 42Page - Infineon Technologies AG TLE6368 Datasheet HTML 43Page - Infineon Technologies AG TLE6368 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
40
Rev. 2.2, 2006-12-01
3.4.127 Watchdog
reset low
time
tWRL
tRES
3.4.128 Watchdog
reset delay
time
tSR
tCW/2
Error Output ERR
3.4.129 H-output
voltage level
V
ERR,H
V
Q_LDO1
– 2.0
V
Q_LDO1
– 0.7
–V
IERR, H =1 mA
3.4.130 L-output
voltage level
V
ERR,L
–0.3
0.5
V
IERR, L = – 1.6 mA
SPI
3.4.131 SPI clock
frequency
fCLK
0
2.5
MHz
Production
test
up to 1MHz;
For 2.5MHz: 1)
SPI Input DI
3.4.132 H-input
voltage
threshold
V
IH
–40
70
% of
V
Q_LDO1
–
3.4.133 L-input
voltage
threshold
V
IL
20
36
–
% of
V
Q_LDO1
–
3.4.134 Hysteresis of
input voltage
V
IHY
50
200
500
mV
1)
3.4.135 Pull down
current
I
I
525
100
µA
VDI = 0.2 *
VQ_LDO1
3.4.136 Input
capacitance
C
I
–10
15
pF
0 V < VQ_LDO1 <
5.25 V
3.4.137 Input signal
rise time
t
r
–
–
200
ns
1)
3.4.138 Input signal
fall time
t
f
–
–
200
ns
1)
SPI Clock Input CLK
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com