Electronic Components Datasheet Search
  English  ▼

X  

TLE6368 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE6368
Description  Multi-Voltage Processor Power Supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE6368 Datasheet HTML 38Page - Infineon Technologies AG TLE6368 Datasheet HTML 39Page - Infineon Technologies AG TLE6368 Datasheet HTML 40Page - Infineon Technologies AG TLE6368 Datasheet HTML 41Page - Infineon Technologies AG TLE6368 Datasheet HTML 42Page - Infineon Technologies AG TLE6368 Datasheet HTML 43Page - Infineon Technologies AG TLE6368 Datasheet HTML 44Page - Infineon Technologies AG TLE6368 Datasheet HTML 45Page - Infineon Technologies AG TLE6368 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
TLE 6368 / SONIC
Data Sheet
42
Rev. 2.2, 2006-12-01
Logic Output DO
3.4.153 H-output
voltage level
V
DOH
V
Q_LDO1
– 1.0
V
Q_LDO1
– 0.8
–V
IDOH =1 mA
3.4.154 L-output
voltage level
V
DOL
–
0.2
0.4
V
IDOL = – 1.6 mA
3.4.155 Tri-state
leakage
current
I
DO_TRI
– 10
–
10
µAVCS = VQ_LDO1;
0V
<
VDO <
VQ_LDO1
3.4.156 Tri-state
input
capacitance
C
DO
–10
15
pF
VCS =VQ_LDO1
0V < VQ_LDO1 <
5.25 V
Data Input Timing
3.4.157 Clock period
t
pCLK
1000
–
–
ns
1)
3.4.158 Clock high
time
t
CLKH
500
–
–
ns
1)
3.4.159 Clock low
time
t
CLKL
500
–
–
ns
1)
3.4.160 Clock low
before CS
low
t
bef
500
–
–
ns
1)
3.4.161 CS setup
time
t
lead
500
–
–
ns
1)
3.4.162 CLK setup
time
t
lag
500
–
–
ns
1)
3.4.163 Clock low
after CS high
t
beh
500
–
–
ns
1)
3.4.164 DI setup time
t
DISU
250
–
–
ns
1)
3.4.165 DI hold time
t
DIHO
250
–
–
ns
1)
Data Output Timing
-40 < Tj <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com