Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 3Page - Texas Instruments CC2480 Datasheet HTML 4Page - Texas Instruments CC2480 Datasheet HTML 5Page - Texas Instruments CC2480 Datasheet HTML 6Page - Texas Instruments CC2480 Datasheet HTML 7Page - Texas Instruments CC2480 Datasheet HTML 8Page - Texas Instruments CC2480 Datasheet HTML 9Page - Texas Instruments CC2480 Datasheet HTML 10Page - Texas Instruments CC2480 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
CC2480
5
Electrical Specifications
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 3: Electrical Specifications
Parameter
Min
Typ
Max
Unit
Condition
Current Consumption
CPU Active Mode, 16 MHz,
low CPU activity
4.3
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
Low CPU activity: no flash access (i.e. only cache hit), no
RAM access.
CPU Active Mode, 16 MHz,
medium CPU activity
5.1
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
Medium CPU activity: normal flash access
1, minor RAM
access.
CPU Active Mode, 16 MHz,
high CPU activity
5.7
mA
Digital regulator on. 16 MHz RCOSC running. No radio,
crystals, or peripherals active.
High CPU activity: normal flash access, extensive RAM
access and heavy CPU load.
CPU Active Mode, 32 MHz,
low CPU activity
9.5
mA
32 MHz XOSC running. No radio or peripherals active.
Low CPU activity : no flash access (i.e. only cache hit),
no RAM access
CPU Active Mode, 32 MHz,
medium CPU activity
10.5
mA
32 MHz XOSC running. No radio or peripherals active.
Medium CPU activity: normal flash access
1, minor RAM
access.
CPU Active Mode, 32 MHz,
high CPU activity
12.3
mA
32 MHz XOSC running. No radio or peripherals active.
High CPU activity: normal flash access
1, extensive RAM
access and heavy CPU load.
CPU Active and RX Mode
26.7
mA
CPU running at full speed (32MHz), 32MHz XOSC
running, radio in RX mode, -50 dBm input power. No
peripherals active. Low CPU activity.
CPU Active and TX Mode, 0dBm
26.9
mA
CPU running at full speed (32MHz), 32MHz XOSC
running, radio in TX mode, 0dBm output power. No
peripherals active. Low CPU activity.
Power mode 1
190
µA
Digital regulator on, 16 MHz RCOSC and 32 MHz crystal
oscillator off. 32.768 kHz XOSC, POR and ST active.
RAM retention.
Power mode 2
0.5
µA
Digital regulator off, 16 MHz RCOSC and 32 MHz crystal
oscillator off. 32.768 kHz XOSC, POR and ST active.
RAM retention.
Power mode 3
0.3
µA
No clocks. RAM retention. POR active.
Peripheral Current
Consumption
Adds to the figures above if the peripheral unit is
activated
Sleep Timer
0.2
µA
Including 32.753 kHz RCOSC.
ADC
1.2
mA
When converting.
Flash write
3
mA
Estimated value
Flash erase
3
mA
Estimated value
1 Normal Flash access means that the code used exceeds the cache storage so cache misses will
happen frequently.
CC2480 Data Sheet SWRS074A
Page 7 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com