Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 8Page - Texas Instruments CC2480 Datasheet HTML 9Page - Texas Instruments CC2480 Datasheet HTML 10Page - Texas Instruments CC2480 Datasheet HTML 11Page - Texas Instruments CC2480 Datasheet HTML 12Page - Texas Instruments CC2480 Datasheet HTML 13Page - Texas Instruments CC2480 Datasheet HTML 14Page - Texas Instruments CC2480 Datasheet HTML 15Page - Texas Instruments CC2480 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
CC2480
5.8
Frequency Synthesizer Characteristics
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 11: Frequency Synthesizer Parameters
Parameter
Min
Typ
Max
Unit
Condition/Note
Phase noise
−116
−117
−118
dBc/Hz
dBc/Hz
dBc/Hz
Unmodulated carrier
At ±1.5 MHz offset from carrier
At ±3 MHz offset from carrier
At ±5 MHz offset from carrier
PLL lock time
192
µs
The startup time until RX/TX turnaround. The crystal
oscillator is running.
5.9
Analog Temperature Sensor
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 12: Analog Temperature Sensor Parameters
Parameter
Min
Typ
Max
Unit
Condition/Note
Output voltage at –40
°C
0.648
V
Value is estimated
Output voltage at 0
°C
0.743
V
Value is estimated
Output voltage at +40
°C
0.840
V
Value is estimated
Output voltage at +80
°C
0.939
V
Value is estimated
Temperature coefficient
2.45
mV/
°C
Fitted from –20
°C to +80°C on estimated values.
Absolute error in calculated
temperature
–8
°C
From –20
°C to +80°C when assuming best fit for
absolute accuracy on estimated values: 0.743V at
0
°C and 2.45mV / °C.
Error in calculated
temperature, calibrated
-2
0
2
°C
From –20
°C to +80°C when using 2.45mV / °C,
after 1-point calibration at room temperature.
Values are estimated. Indicated min/max with 1-
point calibration is based on simulated values for
typical process parameters
Current consumption
increase when enabled
280
µA
5.10
ADC
Measured with TA=25°C and VDD=3.0V. Note that other data may result when using Texas
Instruments’
CC2480 EM reference design.
Table 13: ADC Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
Input voltage
0
VDD
V
VDD is voltage on AVDD_SOC pin
Input resistance, signal
197
kΩ
Simulated using 4 MHz clock speed.
Full-Scale Signal
3
2.97
V
Peak-to-peak, defines 0dBFS
3 Measured with 300 Hz Sine input and VDD as reference.
CC2480 Data Sheet SWRS074A
Page 12 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com