Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 1 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 1 Page - Texas Instruments

  CC2480 Datasheet HTML 1Page - Texas Instruments CC2480 Datasheet HTML 2Page - Texas Instruments CC2480 Datasheet HTML 3Page - Texas Instruments CC2480 Datasheet HTML 4Page - Texas Instruments CC2480 Datasheet HTML 5Page - Texas Instruments CC2480 Datasheet HTML 6Page - Texas Instruments CC2480 Datasheet HTML 7Page - Texas Instruments CC2480 Datasheet HTML 8Page - Texas Instruments CC2480 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
CC2480
Z-Accel 2.4 GHz ZigBee
® Processor
Accelerate your ZigBee Development
Applications
• ZigBee™ systems
• Home/Building automation
• Industrial control and monitoring
• Low power wireless sensor networks
• Set-top boxes and remote controls
• Automated Meter Reading
Description
The
CC2480 (formerly known as CCZACC06)
is a cost-effective, low power, Z-Accel ZigBee
Processor
that
provides
full
ZigBee
functionality with a minimal development effort.
Z-Accel is a solution where TI’s ZigBee stack,
Z-Stack, runs on a ZigBee Processor and the
application runs on an external microcontroller.
The
CC2480 handles all the timing critical and
processing intensive ZigBee protocol tasks,
and leaves the resources of the application
microcontroller free to handle the application.
Z-Accel makes it easy to add ZigBee to new or
existing products at the same time as it
provides
great
flexibility
in
choice
of
microcontroller.
CC2480 interfaces any microcontroller through
an SPI or UART interface. There is no need to
learn a new microcontroller or new tools.
CC2480 can for example be combined with an
MSP430.
CC2480 supports TI’s SimpleAPI. SimpleAPI
has only 10 API calls to learn, which drastically
simplifies
the
development
of
ZigBee
applications.
Key Features
• Simple integration of ZigBee into any
design
• Running the mature and stable ZigBee
2006 compliant TI Z-Stack
• SPI
or
UART
interface
to
any
microcontroller running the application
• Simple API and full ZigBee API supported
• Can implement any type of ZigBee device:
Coordinator, Router or End Device
• Automatically enters low power mode (<0.5
uA) in idle periods when configured as End
Device
• Radio
o
Fully integrated and robust IEEE
802.15.4-compliant 2.4 GHz DSSS
RF transceiver
o
Excellent receiver sensitivity and
best
in
class
robustness
to
interferers
• Power Supply
o
Wide supply voltage range (2.0V –
3.6V)
o
Low current consumption (RX: 27
mA, TX: 27 mA) and fast transition
times.
• External System
o
Very few external components
o
RoHS compliant 7x7mm QLP48
package
• Peripherals and Supporting Functions
o
Port expander with 4 general I/O
pins, two with increased sink/source
capability
o
Battery monitor and temperature
sensor
o
7-12 bits ADC with two channels
o
Robust power-on-reset and brown-
out-reset circuitry
• Tools and Development
o
Packet sniffer PC software
o
Reference designs
CC2480 Data Sheet SWRS074A
Page 1 of 43


Similar Part No. - CC2480

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2480 TI-CC2480 Datasheet
691Kb / 44P
Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1 TI1-CC2480A1 Datasheet
953Kb / 48P
Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTC TI-CC2480A1RTC Datasheet
691Kb / 44P
Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTC TI1-CC2480A1RTC Datasheet
953Kb / 48P
Z-Accel 2.4 GHz ZigBee짰 Processor
CC2480A1RTCR TI-CC2480A1RTCR Datasheet
691Kb / 44P
Z-Accel 2.4 GHz ZigBee짰 Processor
More results

Similar Description - CC2480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM2420 ETC-EM2420 Datasheet
1Mb / 89P
2.4 GHz IEEE 802.15.4 / ZigBee RF Transceiver
logo
Texas Instruments
CC2480 TI-CC2480 Datasheet
691Kb / 44P
Z-Accel 2.4 GHz ZigBee짰 Processor
logo
Skyworks Solutions Inc.
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
2.4-2.5 GHz WLAN/Zigbee Power Amplifier
logo
ATMEL Corporation
AT86RF231-ZU ATMEL-AT86RF231-ZU_09 Datasheet
4Mb / 198P
Low Power 2.4 GHz Transceiver for ZigBee
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
DK-EM2-2520Z TI-DK-EM2-2520Z Datasheet
91Kb / 2P
2.4 GHz ZigBee Wireless Networking on Stellaris짰
CC2480A1 TI1-CC2480A1 Datasheet
953Kb / 48P
Z-Accel 2.4 GHz ZigBee짰 Processor
CC2520 TI1-CC2520_17 Datasheet
2Mb / 134P
2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
RF Monolithics, Inc
ZMN2405HP RFM-ZMN2405HP Datasheet
326Kb / 6P
2.4 GHz ZigBee Transceiver Module
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
2.4-GHz Low Energy Zigbee Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com