Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 19 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 15Page - Texas Instruments CC2480 Datasheet HTML 16Page - Texas Instruments CC2480 Datasheet HTML 17Page - Texas Instruments CC2480 Datasheet HTML 18Page - Texas Instruments CC2480 Datasheet HTML 19Page - Texas Instruments CC2480 Datasheet HTML 20Page - Texas Instruments CC2480 Datasheet HTML 21Page - Texas Instruments CC2480 Datasheet HTML 22Page - Texas Instruments CC2480 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
CC2480
7
Circuit Description
Figure 4: CC2480 Block Diagram
own in Figure
4. The modules can be rough
es: CPU-relate
distribution, and radio-related modules.
CC2480
IEEE 802.15.4 compliant radio
r. See
MEMORY
ARBITRATOR
8051 CPU
CORE
DMA
128 KB
FLASH
8 KB
SRAM
FLASH
WRITE
RESET
RESET_N
GPIO3
GPIO2
GPIO1
GPIO0
A1
A0
SI/TX
SO/RX
SS/CT
C/RT
SRDY
MRDY
32.768 kHz
CRYSTAL OSC
32 MHz
CRYSTAL OSC
HIGH SPEED
RC-OSC
32 kHz RC-OSC
CLOCK MUX &
CALIBRATION
USART
AES
ENCRYPTION
&
DECRYPTION
IRQ
CTRL
AGC
RF_P
RF_N
MODULATOR
DEMODULATOR
POWER ON RESET
BROWN OUT
SLEEP MODE CONTROLLER
SLEEP TIMER
XOSC_Q2
XOSC_Q1
∆Σ ADC
AUDIO / DC
2 CHANNELS
VDD (2.0 - 3.6 V)
DCOUPL
ON-CHIP VOLTAGE
REGULATOR
RECEIVE
CHAIN
TRANSMIT
CHAIN
DIGITAL
ANALOG
MIXED
GP
I/O
32K_XOSC_Q2
32K_XOSC_Q1
A block diagram of
CC2480 is sh
ly divided into
features an
one of three categori
d modules,
modules
related
to
power
and
clock
based on the leading
CC2420 transceive
Section 10 for details.
CC2480 Data Sheet SWRS074A
Page 19 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com