Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 22 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 18Page - Texas Instruments CC2480 Datasheet HTML 19Page - Texas Instruments CC2480 Datasheet HTML 20Page - Texas Instruments CC2480 Datasheet HTML 21Page - Texas Instruments CC2480 Datasheet HTML 22Page - Texas Instruments CC2480 Datasheet HTML 23Page - Texas Instruments CC2480 Datasheet HTML 24Page - Texas Instruments CC2480 Datasheet HTML 25Page - Texas Instruments CC2480 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
CC2480
Table 19: Overview of external components (excluding supply decoupling capacitors)
Component
Description
Single Ended 50
Ω Output
Differential Antenna
C191
32 MHz crystal load capacitor
33 pF, 5%, NP0, 0402
33 pF, 5%, NP0, 0402
C211
32 MHz crystal load capacitor
27 pF, 5%, NP0, 0402
27 pF, 5%, NP0, 0402
C241
Load capacitance for analogue power
supply voltage regulators
220 nF, 10%, 0402
220 nF, 10%, 0402
C421
Load capacitance for digital power supply
voltage regulators
1 µF, 10%, 0402
1 µF, 10%, 0402
5.6 pF, 5%, NP0, 0402
Not used
C341
DC block to antenna and match
Note: For RF connector a LP filter can be
connected between this C, the antenna
and good ground in order to remove
conducted spurious emission by using
1.8pF in parallel with 1.6nH
1.8 pF, Murata COG 0402,
GRM15
1.6 nH, Murata 0402,
LQG15HS1N6S02
C431, C441
32.768 kHz crystal load capacitor (if low-
frequency crystal is needed in application)
15 pF, 5%, NP0, 0402
15 pF, 5%, NP0, 0402
L321
Discrete balun and match
6.8 nH, 5%,
Monolithic/multilayer, 0402
12 nH 5%,
Monolithic/multilayer, 0402
L331
Discrete balun and match
22 nH, 5%,
Monolithic/multilayer, 0402
27 nH, 5%,
Monolithic/multilayer, 0402
L341
Discrete balun and match
1.8 nH, +/-0.3 nH,
Monolithic/multilayer, 0402
Not used
R221
Precision resistor for current reference
generator to system-on-chip part
56 k
Ω, 1%, 0402
56 k
Ω, 1%, 0402
R261
Precision resistor for current reference
generator to RF part
43 k
Ω, 1%, 0402
43 k
Ω, 1%, 0402
XTAL1
32 MHz Crystal
32 MHz crystal,
ESR < 60
Ω
32 MHz crystal,
ESR < 60
Ω
XTAL2
Optional 32.768 kHz watch crystal (if low-
frequency crystal is needed in application)
32.768 kHz crystal,
Epson MC 306.
32.768 kHz crystal,
Epson MC 306.
CC2480 Data Sheet SWRS074A
Page 22 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com