Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 29 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 25Page - Texas Instruments CC2480 Datasheet HTML 26Page - Texas Instruments CC2480 Datasheet HTML 27Page - Texas Instruments CC2480 Datasheet HTML 28Page - Texas Instruments CC2480 Datasheet HTML 29Page - Texas Instruments CC2480 Datasheet HTML 30Page - Texas Instruments CC2480 Datasheet HTML 31Page - Texas Instruments CC2480 Datasheet HTML 32Page - Texas Instruments CC2480 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
CC2480
10 Radio
LNA
DIGITAL
DEMODULATOR
- Digital RSSI
- Gain Control
- Image Suppression
- Channel Filtering
- Demodulation
- Frame
synchronization
DIGITAL
MODULATOR
- Data spreading
- Modulation
Σ
AUTOMATIC GAIN CONTROL
TX POWER CONTROL
TXRX SWITCH
ADC
ADC
DAC
DAC
0
90
FREQ
SYNTH
Power
Control
PA
FFCTRL
Register bus
CSMA/CA
STROBE
PROCESSOR
RADIO
REGISTER
BANK
IRQ
HANDLING
SFR bus
Figure 9: CC2480 Radio Module
A simplified block diagram of the IEEE
802.15.4 compliant radio inside
CC2480 is
shown in Figure 9. The radio core is based on
the industry leading
CC2420 RF transceiver.
CC2480 features a low-IF receiver. The
received RF signal is amplified by the low-
noise amplifier (LNA) and down-converted in
quadrature (I and Q) to the intermediate
frequency (IF). At IF (2 MHz), the complex I/Q
signal is filtered and amplified, and then
digitized by the RF receiver ADCs.
The
CC2480 transmitter is based on direct up-
conversion. The preamble and start of frame
delimiter are generated in hardware. Each
symbol (4 bits) is spread using the IEEE
802.15.4 spreading sequence to 32 chips and
output to the digital-to-analog converters
(DACs).
An analog low pass filter passes the signal to
the quadrature (I and Q) up-conversion mixers.
The RF signal is amplified in the power
amplifier (PA) and fed to the antenna.
The internal T/R switch circuitry makes the
antenna interface and matching easy. The RF
connection is differential. A balun may be used
for single-ended antennas. The biasing of the
PA
and
LNA
is
done
by
connecting
TXRX_SWITCH
to RF_P and RF_N through an
external DC path.
The
frequency
synthesizer
includes
a
completely on-chip LC VCO and a 90 degrees
phase splitter for generating the I and Q LO
signals to the down-conversion mixers in
receive mode and up-conversion mixers in
transmit mode. The VCO operates in the
frequency range 4800 – 4966 MHz, and the
frequency is divided by two when split into I
and Q signals.
An on-chip voltage regulator delivers the
regulated 1.8 V supply voltage.
CC2480 Data Sheet SWRS074
Page 29 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com