Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 33 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 29Page - Texas Instruments CC2480 Datasheet HTML 30Page - Texas Instruments CC2480 Datasheet HTML 31Page - Texas Instruments CC2480 Datasheet HTML 32Page - Texas Instruments CC2480 Datasheet HTML 33Page - Texas Instruments CC2480 Datasheet HTML 34Page - Texas Instruments CC2480 Datasheet HTML 35Page - Texas Instruments CC2480 Datasheet HTML 36Page - Texas Instruments CC2480 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
CC2480
10.7
Linear IF and AGC Settings
CC2480 is based on a linear IF chain where the
signal amplification is done in an analog VGA
(variable gain amplifier). The gain of the VGA
is digitally controlled.
The AGC (Automatic Gain Control) loop
ensures that the ADC operates inside its
dynamic range by using an analog/digital
feedback loop.
10.8
Clear Channel Assessment
The clear channel assessment signal is based
on
the
measured
RSSI
value
and
a
programmable threshold. The clear channel
assessment function is used to implement the
CSMA-CA functionality specified in [1]. CCA is
valid when the receiver has been enabled for
at least 8 symbol periods.
10.9
VCO and PLL Self-Calibration
10.9.1
VCO
The VCO is completely integrated and
operates at 4800 – 4966 MHz. The VCO
frequency is divided by 2 to generate
frequencies in the desired band (2400-2483.5
MHz).
10.9.2
PLL self-calibration
The VCO's characteristics will vary with
temperature, changes in supply voltages, and
the desired operating frequency.
In order to ensure reliable operation the VCO’s
bias
current
and
tuning
range
are
automatically calibrated every time the RX
mode or TX mode is enabled.
10.10 Input / Output Matching
The RF input / output is differential (RF_N and
RF_P
). In addition there is supply switch output
pin (TXRX_SWITCH) that must have an
external DC path to RF_N and RF_P.
In RX mode the TXRX_SWITCH pin is at
ground and will bias the LNA. In TX mode the
TXRX_SWITCH
pin is at supply rail voltage and
will properly bias the internal PA.
The RF output and DC bias can be done using
different topologies. Some are shown in Figure
5 on page 21.
Component values are given in Table 19 on
page
22.
If
a
differential
antenna
is
implemented, no balun is required.
If a single ended output is required (for a
single ended connector or a single ended
antenna), a balun should be used for optimum
performance.
CC2480 Data Sheet SWRS074
Page 33 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com