Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 31 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 27Page - Texas Instruments CC2480 Datasheet HTML 28Page - Texas Instruments CC2480 Datasheet HTML 29Page - Texas Instruments CC2480 Datasheet HTML 30Page - Texas Instruments CC2480 Datasheet HTML 31Page - Texas Instruments CC2480 Datasheet HTML 32Page - Texas Instruments CC2480 Datasheet HTML 33Page - Texas Instruments CC2480 Datasheet HTML 34Page - Texas Instruments CC2480 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
CC2480
1
01
0
11
0
1
I-phase
Q-phase
1
00
1
10
0
1
0
00
11
0
0
1
0
11
00
1
0
1
T
C
2T
C
Figure 11: I / Q Phases when transmitting a zero-symbol chip sequence, TC = 0.5 µs
10.2
Demodulator, Symbol Synchronizer and Data Decision
The block diagram for the
CC2480 demodulator
is shown in Figure 12. Channel filtering and
frequency offset compensation is performed
digitally. The signal level in the channel is
estimated to generate the RSSI level. Data
filtering
is
also
included
for
enhanced
performance.
With the ±40 ppm frequency accuracy
requirement from [1], a compliant receiver
must be able to compensate for up to 80 ppm
or 200 kHz. The
CC2480 demodulator tolerates
up to 300 kHz offset without significant
degradation of the receiver performance.
Soft decision is used at the chip level, i.e. the
demodulator does not make a decision for
each chip, only for each received symbol. De-
spreading is performed using over-sampling
symbol correlators. Symbol synchronization is
achieved by a continuous start of frame
delimiter (SFD) search.
The
CC2480 demodulator also handles symbol
rate errors in excess of 120 ppm without
performance degradation. Resynchronization
is performed continuously to adjust for error in
the incoming symbol rate.
Digital
IF Channel
Filtering
ADC
Digital
Data
Filtering
Frequency
Offset
Compensation
Symbol
Correlators and
Synchronisation
RSSI
Generator
I / Q Analog
IF signal
Data
Symbol
Output
RSSI
Average
Correlation
Value (may be
used for LQI)
Figure 12: Demodulator Simplified Block Diagram
10.3
Frame Format
CC2480 has hardware support for parts of the
IEEE 802.15.4 frame format. This section
gives a brief summary to the IEEE 802.15.4
frame format, and describes how
CC2480 is
set up to comply with this.
Figure 13 [1] shows a schematic view of the
IEEE 802.15.4 frame format. Similar figures
describing
specific
frame
formats
(data
frames, beacon frames, acknowledgment
frames and MAC command frames) are
included in [1].
CC2480 Data Sheet SWRS074
Page 31 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com