Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 24 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 20Page - Texas Instruments CC2480 Datasheet HTML 21Page - Texas Instruments CC2480 Datasheet HTML 22Page - Texas Instruments CC2480 Datasheet HTML 23Page - Texas Instruments CC2480 Datasheet HTML 24Page - Texas Instruments CC2480 Datasheet HTML 25Page - Texas Instruments CC2480 Datasheet HTML 26Page - Texas Instruments CC2480 Datasheet HTML 27Page - Texas Instruments CC2480 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
CC2480
9.2.1
Unused I/O pins
Unused I/O pins should have a defined level
and not be left floating. One way to do this is to
leave the pin unconnected and configured with
pull-up resistor. This is also the state of all pins
after reset.
9.2.2
Low I/O Supply Voltage
In applications where the digital I/O power
supply voltage pin DVDD is below 2.6 V, the
SC bit should be set to 1 in order to obtain
output DC characteristics specified in section
5.14. See the
CC2480 user guide [2] for a
description of how to do this.
9.2.3
General Purpose I/O
See the
CC2480 user guide [2] for a description
of how to configure and use the GPIO pins.
The output drive strength is 4 mA on all
outputs, except for the two high-drive outputs,
GPIO0 and GPIO1, which each have ~20 mA
output drive strength.
When used as an input, the general purpose
I/O port pins can be configured to have a pull-
up, pull-down or tri-state mode of operation. By
default, after a reset, inputs are configured as
inputs with pull-up. Please note that GPIO0
and GPIO1 do not have pull-up or pull-down
capabilities.
In power modes PM2 and PM3 the I/O pins
retain the I/O mode and output value (if
applicable) that was set when PM2/3 was
entered
CC2480 Data Sheet SWRS074
Page 24 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com