Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 30Page - Texas Instruments CC2480 Datasheet HTML 31Page - Texas Instruments CC2480 Datasheet HTML 32Page - Texas Instruments CC2480 Datasheet HTML 33Page - Texas Instruments CC2480 Datasheet HTML 34Page - Texas Instruments CC2480 Datasheet HTML 35Page - Texas Instruments CC2480 Datasheet HTML 36Page - Texas Instruments CC2480 Datasheet HTML 37Page - Texas Instruments CC2480 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
CC2480
10.11 System Considerations and Guidelines
10.11.1
SRD regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. SRDs (Short Range Devices) for
license free operation are allowed to operate
in the 2.4 GHz band worldwide. The most
important regulations are ETSI EN 300 328
and EN 300 440 (Europe), FCC CFR-47 part
15.247 and 15.249 (USA), and ARIB STD-T66
(Japan).
10.11.2
Frequency hopping and multi-channel systems
The 2.4 GHz band is shared by many systems
both
in
industrial,
office
and
home
environments.
CC2480 uses direct sequence
spread spectrum (DSSS) as defined by [1] to
spread the output power, thereby making the
communication link more robust even in a
noisy environment.
10.11.3
Crystal accuracy and drift
A crystal accuracy of ±40 ppm is required for
compliance with IEEE 802.15.4 [1]. This
accuracy
must
also
take
ageing
and
temperature drift into consideration.
A crystal with low temperature drift and low
aging
could
be
used
without
further
compensation. A trimmer capacitor in the
crystal oscillator circuit (in parallel with C191 in
Figure 5) could be used to set the initial
frequency accurately.
For non-IEEE 802.15.4 systems, the robust
demodulator in
CC2480 allows up to 140 ppm
total frequency offset between the transmitter
and receiver. This could e.g. relax the
accuracy requirement to 60 ppm for each of
the devices.
Optionally in a star network topology, the full-
function device (FFD) could be equipped with
a more accurate crystal thereby relaxing the
requirement on the reduced-function device
(RFD). This can make sense in systems where
the reduced-function devices ship in higher
volumes than the full-function devices.
10.11.4
Communication robustness
CC2480 provides very good adjacent, alternate
and co channel rejection, image frequency
suppression and blocking properties. The
CC2480 performance is significantly better than
the requirements imposed by [1]. These are
highly
important
parameters
for
reliable
operation in the 2.4 GHz band, since an
increasing number of devices/systems are
using this license free frequency band.
10.11.5
Communication security
The hardware encryption and authentication
operations
in
CC2480
enable
secure
communication, which is required for many
applications. Security operations require a lot
of data processing, which is costly in an 8-bit
microcontroller system. The hardware support
within
CC2480 enables a high level of security
with minimum CPU processing requirements.
10.11.6
Low cost systems
As the
CC2480 provides 250 kbps multi-
channel performance without any external
filters, a very low cost system can be made
(e.g.
two
layer
PCB
with
single-sided
component mounting).
A differential antenna will eliminate the need
for a balun, and the DC biasing can be
achieved in the antenna topology.
10.11.7
Battery operated systems
In low power applications, the
CC2480 should
be placed in the low-power modes PM2 or
PM3 when not active. Ultra low power
consumption may be achieved since the
voltage regulators are turned off.
CC2480 Data Sheet SWRS074
Page 34 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com