Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 6Page - Texas Instruments CC2480 Datasheet HTML 7Page - Texas Instruments CC2480 Datasheet HTML 8Page - Texas Instruments CC2480 Datasheet HTML 9Page - Texas Instruments CC2480 Datasheet HTML 10Page - Texas Instruments CC2480 Datasheet HTML 11Page - Texas Instruments CC2480 Datasheet HTML 12Page - Texas Instruments CC2480 Datasheet HTML 13Page - Texas Instruments CC2480 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
CC2480
Table 6: RF Transmit Parameters
Parameter
Min
Typ
Max
Unit
Condition/Note
Nominal output
power
0
dBm
Delivered to a single ended 50
Ω load through a balun.
[1] requires minimum –3 dBm
Harmonics
2
nd harmonic
3
rd harmonic
4
th harmonic
5
th harmonic
-50.7
-55.8
-54.2
-53.4
dBm
dBm
dBm
dBm
Measurement conducted with 100 kHz resolution bandwidth on
spectrum analyzer. Output Delivered to a single ended 50
Ω load
through a balun.
Spurious emission
30 - 1000 MHz
1– 12.75 GHz
1.8 – 1.9 GHz
5.15 – 5.3 GHz
-47
-43
-58
-56
dBm
dBm
dBm
dBm
Maximum output power.
Texas Instruments
CC2480 EM reference design complies with
EN 300 328, EN 300 440, FCC CFR47 Part 15 and ARIB STD-
T-66.
Transmit on 2480MHz under FCC is supported by duty-cycling
The peak conducted spurious emission is -47 dBm @ 192 MHz
which is in an EN 300 440 restricted band limited to -54 dBm. All
radiated spurious emissions are within the limits of
ETSI/FCC/ARIB. Conducted spurious emission (CSE) can be
reduced with a simple band pass filter connected between
matching network and RF connector (1.8 pF in parallel with 1.6
nH reduces the CSE by 20 dB), this filter must be connected to
good RF ground.
EVM
11
%
Measured as defined by [1]
[1] requires max. 35 %
Optimum load
impedance
60
+ j164
Ω
Differential impedance as seen from the RF-port (RF_P and
RF_N
) towards the antenna
2.
5.4
32 MHz Crystal Oscillator
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
Table 7: 32 MHz Crystal Oscillator Parameters
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
32
MHz
Crystal frequency
accuracy
requirement
- 40
40
ppm
Including aging and temperature dependency, as specified by [1]
ESR
6
16
60
Ω
Simulated over operating conditions
C0
1
1.9
7
pF
Simulated over operating conditions
CL
10
13
16
pF
Simulated over operating conditions
Start-up time
212
µs
5.5
32.768 kHz Crystal Oscillator
Measured on Texas Instruments
CC2480 EM reference design with TA=25°C and VDD=3.0V
unless stated otherwise.
2 This is for 2440MHz
CC2480 Data Sheet SWRS074A
Page 10 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com