Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 28Page - Texas Instruments CC2480 Datasheet HTML 29Page - Texas Instruments CC2480 Datasheet HTML 30Page - Texas Instruments CC2480 Datasheet HTML 31Page - Texas Instruments CC2480 Datasheet HTML 32Page - Texas Instruments CC2480 Datasheet HTML 33Page - Texas Instruments CC2480 Datasheet HTML 34Page - Texas Instruments CC2480 Datasheet HTML 35Page - Texas Instruments CC2480 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
CC2480
PHY
Layer
Frame
Control Field
(FCF)
Data
Sequence
Number
2
1
Bytes:
Address
Information
0 to 20
Frame payload
n
Frame Check
Sequence
(FCS)
2
MAC Header (MHR)
MAC Payload
MAC Footer
(MFR)
Frame
Length
MAC Protocol
Data Unit
(MPDU)
Start of frame
Delimiter
(SFD)
Bytes:
1
1
5 + (0 to 20) + n
Preamble
Sequence
4
Synchronisation Header
(SHR)
PHY Header
(PHR)
PHY Service Data Unit
(PSDU)
PHY Protocol Data Unit
(PPDU)
11 + (0 to 20) + n
MAC
Layer
Figure 13: Schematic view of the IEEE 802.15.4 Frame Format [1]
10.4
Synchronization header
The synchronization header (SHR) consists of
the preamble sequence followed by the start of
frame delimiter (SFD). In [1], the preamble
sequence is defined to be four bytes of 0x00.
The SFD is one byte, set to 0xA7.
A
synchronization
header
is
always
transmitted first in all transmit modes.
In receive mode
CC2480 uses the preamble
sequence for symbol synchronization and
frequency offset adjustments. The SFD is
used
for
byte
synchronization.
10.5
MAC protocol data unit
The FCF, data sequence number and address
information follows the length field as shown in
Figure 13. Together with the MAC data
payload and Frame Check Sequence, they
form the MAC Protocol Data Unit (MPDU).
The format of the FCF is shown in Figure 14.
Please refer to [1] for details.
Bits: 0-2
3
4
5
6
7-9
10-11
12-13
14-15
Frame
Type
Security
Enabled
Frame
Pending
Acknowledge
request
Intra
PAN
Reserved
Destination
addressing
mode
Reserved
Source
addressing
mode
Figure 14: Format of the Frame Control Field (FCF) [1]
10.6
Frame check sequence
A 2-byte frame check sequence (FCS) follows
the last MAC payload byte as shown in Figure
13. The FCS is calculated over the MPDU, i.e.
the length field is not part of the FCS.
The FCS polynomial is [1]:
x
16 + x12 + x5 + 1
The
CC2480 hardware implementation is
shown in Figure 15. Please refer to [1] for
further details.
In transmit mode the FCS is appended at the
correct position defined by the length field.
The most significant bit in the last byte of each
frame is set high if the CRC of the received
frame is correct and low otherwise.
r0
r1
r2
r3
r4
r5
r6
r7
r8
r9
r10
r11
r12
r13
r14
r15
Data
input
(LSB
first)
Figure 15:
CC2480 Frame Check Sequence (FCS) hardware implementation [1]
CC2480 Data Sheet SWRS074
Page 32 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com