Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 16 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 12Page - Texas Instruments CC2480 Datasheet HTML 13Page - Texas Instruments CC2480 Datasheet HTML 14Page - Texas Instruments CC2480 Datasheet HTML 15Page - Texas Instruments CC2480 Datasheet HTML 16Page - Texas Instruments CC2480 Datasheet HTML 17Page - Texas Instruments CC2480 Datasheet HTML 18Page - Texas Instruments CC2480 Datasheet HTML 19Page - Texas Instruments CC2480 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
CC2480
Digital Inputs/Outputs
Min
Typ
Max
Unit
Condition
Logic "0" input voltage
30
%
Of VDD supply (2.0 – 3.6 V)
Logic "1" input voltage
70
%
Of VDD supply (2.0 – 3.6 V)
Logic "0" input current per pin
NA
12
nA
Input equals 0V
Logic "1" input current
NA
12
nA
Input equals VDD
Total logic “0” input current all pins
70
nA
Total logic “1” input current all pins
70
nA
I/O pin pull-up and pull-down
resistor
20
kΩ
CC2480 Data Sheet SWRS074A
Page 16 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com