Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 18 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 18 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 14Page - Texas Instruments CC2480 Datasheet HTML 15Page - Texas Instruments CC2480 Datasheet HTML 16Page - Texas Instruments CC2480 Datasheet HTML 17Page - Texas Instruments CC2480 Datasheet HTML 18Page - Texas Instruments CC2480 Datasheet HTML 19Page - Texas Instruments CC2480 Datasheet HTML 20Page - Texas Instruments CC2480 Datasheet HTML 21Page - Texas Instruments CC2480 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
CC2480
Table 18: Pinout overview
Pin
Pin name
Pin type
Description
-
GND
Ground
The exposed die attach pad must be connected to a solid ground plane
1
NC
N/A
2
NC
N/A
3
GPIO3
Digital I/O
General I/O pin 3
4
GPIO2
Digital I/O
General I/O pin 2
5
SRDY
Digital Output
Slave ready. Mandatory for SPI, optional for UART.
6
MRDY
Digital Input
Master ready. Optional for SPI and UART.
7
DVDD
Power (Digital)
2.0V-3.6V digital power supply for digital I/O
8
GPIO1
Digital I/O
General I/O pin 1 – increased drive capability
9
GPIO0
Digital I/O
General I/Opin 0 – increased drive capability
10
RESET_N
Digital input
Reset, active low
11
CFG0
Digital Input
Configuration input 0
12
CFG1
Digital Input
Configuration input 1
13
SO/RX
Digital Input
SPI slave output or UART RX data
14
SI/TX
Digital Output
SPI slave input or UART TX data
15
SS/CT
Digital I/O
SPI slave select (in) or UART CTS (out)
16
C/RT
Digital Input
SPI clock or UART RTS
17
A0
Analog Input
ADC input A0
18
A1
Analog Input
ADC input A1
19
XOSC_Q2
Analog I/O
32 MHz crystal oscillator pin 2
20
AVDD_SOC
Power (Analog) 2.0V-3.6V analog power supply connection
21
XOSC_Q1
Analog I/O
32 MHz crystal oscillator pin 1, or external clock input
22
RBIAS1
Analog I/O
External precision bias resistor for reference current
23
AVDD_RREG
Power (Analog) 2.0V-3.6V analog power supply connection
24
RREG_OUT
Power output
1.8V Voltage regulator power supply output. Only intended for supplying the analog
1.8V part (power supply for pins 25, 27-31, 35-40).
25
AVDD_IF1
Power (Analog) 1.8V Power supply for the receiver band pass filter, analog test module, global bias
and first part of the VGA
26
RBIAS2
Analog output
External precision resistor, 43 k
Ω, ±1 %
27
AVDD_CHP
Power (Analog) 1.8V Power supply for phase detector, charge pump and first part of loop filter
28
VCO_GUARD
Power (Analog) Connection of guard ring for VCO (to AVDD) shielding
29
AVDD_VCO
Power (Analog) 1.8V Power supply for VCO and last part of PLL loop filter
30
AVDD_PRE
Power (Analog) 1.8V Power supply for Prescaler, Div-2 and LO buffers
31
AVDD_RF1
Power (Analog) 1.8V Power supply for LNA, front-end bias and PA
32
RF_P
RF I/O
Positive RF input signal to LNA during RX. Positive RF output signal from PA during
TX
33
TXRX_SWITCH
Power (Analog) Regulated supply voltage for PA
34
RF_N
RF I/O
Negative RF input signal to LNA during RX
Negative RF output signal from PA during TX
35
AVDD_SW
Power (Analog) 1.8V Power supply for LNA / PA switch
36
AVDD_RF2
Power (Analog) 1.8V Power supply for receive and transmit mixers
37
AVDD_IF2
Power (Analog) 1.8V Power supply for transmit low pass filter and last stages of VGA
38
AVDD_ADC
Power (Analog) 1.8V Power supply for analog parts of ADCs and DACs
39
DVDD_ADC
Power (Digital)
1.8V Power supply for digital parts of ADCs
40
AVDD_DGUARD
Power (Digital)
Power supply connection for digital noise isolation
41
AVDD_DREG
Power (Digital)
2.0V-3.6V digital power supply for digital core voltage regulator
42
DCOUPL
Power (Digital)
1.8V digital power supply decoupling. Do not use for supplying external circuits.
43
32K_XOSC_Q2
Analog I/O
32.768 kHz XOSC
44
32K_XOSC_Q1
Analog I/O
32.768 kHz XOSC
45
NC
N/A
46
NC
N/A
47
DVDD
Power (Digital)
2.0V-3.6V digital power supply for digital I/O
48
NC
N/A
CC2480 Data Sheet SWRS074A
Page 18 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com