Electronic Components Datasheet Search
  English  ▼

X  

CC2480 Datasheet(PDF) 14 Page - Texas Instruments

Part # CC2480
Description  Z-Accel 2.4 GHz ZigBee Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2480 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC2480 Datasheet HTML 10Page - Texas Instruments CC2480 Datasheet HTML 11Page - Texas Instruments CC2480 Datasheet HTML 12Page - Texas Instruments CC2480 Datasheet HTML 13Page - Texas Instruments CC2480 Datasheet HTML 14Page - Texas Instruments CC2480 Datasheet HTML 15Page - Texas Instruments CC2480 Datasheet HTML 16Page - Texas Instruments CC2480 Datasheet HTML 17Page - Texas Instruments CC2480 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
CC2480
5.11
Control AC Characteristics
TA= -40°C to 85°C, VDD=2.0V to 3.6V if nothing else stated.
Table 14: Control Inputs AC Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
System clock,
fSYSCLK
tSYSCLK= 1/ fSYSCLK
16
32
MHz
System clock is 32 MHz when crystal oscillator is used.
System clock is 16 MHz when calibrated 16 MHz RC
oscillator is used.
RESET_N low
width
250
ns
See item 1, Figure 1. This is the shortest pulse that is
guaranteed to be recognized as a complete reset pin
request. Note that shorter pulses may be recognized but
will not lead to complete reset of all modules within the
chip.
Interrupt pulse
width
tSYSCLK
ns
See item 2, Figure 1.This is the shortest pulse that is
guaranteed to be recognized as an interrupt request. In
PM2/3 the internal synchronizers are bypassed so this
requirement does not apply in PM2/3.
1
2
2
RESET_N
GPIOx
GPIOx
Figure 1: Control Inputs AC Characteristics
CC2480 Data Sheet SWRS074A
Page 14 of 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com