Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 18Page - NXP Semiconductors LPC1759 Datasheet HTML 19Page - NXP Semiconductors LPC1759 Datasheet HTML 20Page - NXP Semiconductors LPC1759 Datasheet HTML 21Page - NXP Semiconductors LPC1759 Datasheet HTML 22Page - NXP Semiconductors LPC1759 Datasheet HTML 23Page - NXP Semiconductors LPC1759 Datasheet HTML 24Page - NXP Semiconductors LPC1759 Datasheet HTML 25Page - NXP Semiconductors LPC1759 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
22 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
7.16 UARTs
The LPC1759/58/56/54/52/51 each contain four UARTs. In addition to standard transmit
and receive data lines, UART1 also provides a full modem control handshake interface
and support for RS-485/9-bit mode allowing both software address detection and
automatic address detection using 9-bit mode.
The UARTs include a fractional baud rate generator. Standard baud rates such as
115200 Bd can be achieved with any crystal frequency above 2 MHz.
7.16.1 Features
• Maximum UART data bit rate of 6.25 Mbit/s.
• 16 B Receive and Transmit FIFOs.
• Register locations conform to 16C550 industry standard.
• Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B.
• Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.
• Fractional divider for baud rate control, auto baud capabilities and FIFO control
mechanism that enables software flow control implementation.
• UART1 equipped with standard modem interface signals. This module also provides
full support for hardware flow control (auto-CTS/RTS).
• Support for RS-485/9-bit/EIA-485 mode (UART1).
• UART3 includes an IrDA mode to support infrared communication.
• All UARTs have DMA support.
7.17 SPI serial I/O controller
The LPC1759/58/56/54/52/51 contain one SPI controller. SPI is a full duplex serial
interface designed to handle multiple masters and slaves connected to a given bus. Only
a single master and a single slave can communicate on the interface during a given data
transfer. During a data transfer the master always sends 8 bits to 16 bits of data to the
slave, and the slave always sends 8 bits to 16 bits of data to the master.
7.17.1 Features
• Maximum SPI data bit rate of 12.5 Mbit/s
• Compliant with SPI specification
• Synchronous, serial, full duplex communication
• Combined SPI master and slave
• Maximum data bit rate of one eighth of the input clock rate
• 8 bits to 16 bits per transfer
7.18 SSP serial I/O controller
The LPC1759/58/56/54/52/51 contain two SSP controllers. The SSP controller is capable
of operation on a SPI, 4-wire SSI, or Microwire bus. It can interact with multiple masters
and slaves on the bus. Only a single master and a single slave can communicate on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com