Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 51Page - NXP Semiconductors LPC1759 Datasheet HTML 52Page - NXP Semiconductors LPC1759 Datasheet HTML 53Page - NXP Semiconductors LPC1759 Datasheet HTML 54Page - NXP Semiconductors LPC1759 Datasheet HTML 55Page - NXP Semiconductors LPC1759 Datasheet HTML 56Page - NXP Semiconductors LPC1759 Datasheet HTML 57Page - NXP Semiconductors LPC1759 Datasheet HTML 58Page - NXP Semiconductors LPC1759 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
55 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
11.8 USB interface
[1]
Characterized but not implemented as production test. Guaranteed by design.
Table 15.
Dynamic characteristics: USB pins (full-speed)
CL = 50 pF; Rpu = 1.5 kon D+ to VDD(3V3); 3.0 V VDD(3V3) 3.6 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
10 % to 90 %
8.5
-
13.8
ns
tf
fall time
10 % to 90 %
7.7
-
13.7
ns
tFRFM
differential rise and fall time
matching
tr /tf
--
109
%
VCRS
output signal crossover voltage
1.3
-
2.0
V
tFEOPT
source SE0 interval of EOP
see Figure 20
160
-
175
ns
tFDEOP
source jitter for differential transition
to SE0 transition
see Figure 20
2-
+5
ns
tJR1
receiver jitter to next transition
18.5
-
+18.5
ns
tJR2
receiver jitter for paired transitions
10 % to 90 %
9-
+9
ns
tEOPR1
EOP width at receiver
must reject as
EOP; see
Figure 20
[1] 40
--ns
tEOPR2
EOP width at receiver
must accept as
EOP; see
Figure 20
[1] 82
--ns
Fig 20. Differential data-to-EOP transition skew and EOP width
002aab561
TPERIOD
differential
data lines
crossover point
source EOP width: tFEOPT
receiver EOP width: tEOPR1, tEOPR2
crossover point
extended
differential data to
SE0/EOP skew
n
× TPERIOD + tFDEOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com