Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 48Page - NXP Semiconductors LPC1759 Datasheet HTML 49Page - NXP Semiconductors LPC1759 Datasheet HTML 50Page - NXP Semiconductors LPC1759 Datasheet HTML 51Page - NXP Semiconductors LPC1759 Datasheet HTML 52Page - NXP Semiconductors LPC1759 Datasheet HTML 53Page - NXP Semiconductors LPC1759 Datasheet HTML 54Page - NXP Semiconductors LPC1759 Datasheet HTML 55Page - NXP Semiconductors LPC1759 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
52 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
11.6 I2S-bus interface (LPC1759/58/56 only)
[1]
CCLK = 20 MHz; peripheral clock to the I2S-bus interface PCLK = CCLK
4; Tcy(clk) = 1600 ns, corresponds to the SCK signal in the
I2S-bus specification.
Table 13.
Dynamic characteristics: I2S-bus interface pins
Tamb = 40 C to +85 C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
common to input and output
tr
rise time
[1]
-
-
35
ns
tf
fall time
[1]
-
-
35
ns
tWH
pulse width HIGH
on pins I2STX_CLK and
I2SRX_CLK
[1]
0.495
T
cy(clk)
--
-
tWL
pulse width LOW
on pins I2STX_CLK and
I2SRX_CLK
[1]
-
-
0.505
T
cy(clk)
ns
output
tv(Q)
data output valid time
on pin I2STX_SDA;
[1]
-
-
30
ns
on pin I2STX_WS
[1]
-
-
30
ns
input
tsu(D)
data input set-up time
on pin I2SRX_SDA
[1]
3.5
-
-
ns
th(D)
data input hold time
on pin I2SRX_SDA
[1]
4.0
-
-
ns
Fig 17. I2S-bus timing (output)
002aad992
I2STX_CLK
I2STX_SDA
I2STX_WS
Tcy(clk)
tf
tr
tWH
tWL
tv(Q)
tv(Q)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com