Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 44Page - NXP Semiconductors LPC1759 Datasheet HTML 45Page - NXP Semiconductors LPC1759 Datasheet HTML 46Page - NXP Semiconductors LPC1759 Datasheet HTML 47Page - NXP Semiconductors LPC1759 Datasheet HTML 48Page - NXP Semiconductors LPC1759 Datasheet HTML 49Page - NXP Semiconductors LPC1759 Datasheet HTML 50Page - NXP Semiconductors LPC1759 Datasheet HTML 51Page - NXP Semiconductors LPC1759 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
48 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
11. Dynamic characteristics
11.1 Flash memory
[1]
Number of program/erase cycles.
[2]
Programming times are given for writing 256 bytes from RAM to the flash. Data must be written to the flash in blocks of 256 bytes.
11.2 External clock
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
Table 8.
Flash characteristics
Tamb = 40 C to +85 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
[1] 10000
100000
-
cycles
tret
retention time
powered
10
-
-
years
unpowered
20
-
-
years
ter
erase time
sector or multiple
consecutive sectors
95
100
105
ms
tprog
programming time
[2] 0.95
1
1.05
ms
Table 9.
Dynamic characteristic: external clock
Tamb = 40 C to +85 C; VDD(3V3) over specified ranges.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc
oscillator frequency
1
-
25
MHz
Tcy(clk)
clock cycle time
40
-
1000
ns
tCHCX
clock HIGH time
Tcy(clk)  0.4
-
-
ns
tCLCX
clock LOW time
Tcy(clk)  0.4
-
-
ns
tCLCH
clock rise time
-
-
5
ns
tCHCL
clock fall time
-
-
5
ns
Fig 14. External clock timing (with an amplitude of at least Vi(RMS) = 200 mV)
tCHCL
tCLCX
tCHCX
Tcy(clk)
tCLCH
002aaa907



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com