Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 10Page - NXP Semiconductors LPC1759 Datasheet HTML 11Page - NXP Semiconductors LPC1759 Datasheet HTML 12Page - NXP Semiconductors LPC1759 Datasheet HTML 13Page - NXP Semiconductors LPC1759 Datasheet HTML 14Page - NXP Semiconductors LPC1759 Datasheet HTML 15Page - NXP Semiconductors LPC1759 Datasheet HTML 16Page - NXP Semiconductors LPC1759 Datasheet HTML 17Page - NXP Semiconductors LPC1759 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
14 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
The MPU allows separating processing tasks by disallowing access to each other's data,
disabling access to memory regions, allowing memory regions to be defined as read-only
and detecting unexpected memory accesses that could potentially break the system.
The MPU separates the memory into distinct regions and implements protection by
preventing disallowed accesses. The MPU supports up to 8 regions each of which can be
divided into 8 subregions. Accesses to memory locations that are not defined in the MPU
regions, or not permitted by the region setting, will cause the Memory Management Fault
exception to take place.
7.6 Memory map
The LPC1759/58/56/54/52/51 incorporate several distinct memory regions, shown in the
following figures. Figure 3 shows the overall map of the entire address space from the
user program viewpoint following reset. The interrupt vector area supports address
remapping.
The AHB peripheral area is 2 MB in size, and is divided to allow for up to 128 peripherals.
The APB peripheral area is 1 MB in size and is divided to allow for up to 64 peripherals.
Each peripheral of either type is allocated 16 kB of space. This allows simplifying the
address decoding for each peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com