Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 61Page - NXP Semiconductors LPC1759 Datasheet HTML 62Page - NXP Semiconductors LPC1759 Datasheet HTML 63Page - NXP Semiconductors LPC1759 Datasheet HTML 64Page - NXP Semiconductors LPC1759 Datasheet HTML 65Page - NXP Semiconductors LPC1759 Datasheet HTML 66Page - NXP Semiconductors LPC1759 Datasheet HTML 67Page - NXP Semiconductors LPC1759 Datasheet HTML 68Page - NXP Semiconductors LPC1759 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
65 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
14.3 XTAL Printed-Circuit Board (PCB) layout guidelines
The crystal should be connected on the PCB as close as possible to the oscillator input
and output pins of the chip. Take care that the load capacitors Cx1, Cx2, and Cx3 in case of
third overtone crystal usage have a common ground plane. The external components
must also be connected to the ground plain. Loops must be made as small as possible in
Fig 33. Oscillator modes and models: oscillation mode of operation and external crystal
model used for CX1/CX2 evaluation
Table 21.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters): low frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1/CX2
1 MHz - 5 MHz
10 pF
< 300
18 pF, 18 pF
20 pF
< 300
39 pF, 39 pF
30 pF
< 300
57 pF, 57 pF
5 MHz - 10 MHz
10 pF
< 300
18 pF, 18 pF
20 pF
< 200
39 pF, 39 pF
30 pF
< 100
57 pF, 57 pF
10 MHz - 15 MHz
10 pF
< 160
18 pF, 18 pF
20 pF
< 60
39 pF, 39 pF
15 MHz - 20 MHz
10 pF
< 80
18 pF, 18 pF
Table 22.
Recommended values for CX1/CX2 in oscillation mode (crystal and external
components parameters): high frequency mode
Fundamental oscillation
frequency FOSC
Crystal load
capacitance CL
Maximum crystal
series resistance RS
External load
capacitors CX1, CX2
15 MHz - 20 MHz
10 pF
< 180
18 pF, 18 pF
20 pF
< 100
39 pF, 39 pF
20 MHz - 25 MHz
10 pF
< 160
18 pF, 18 pF
20 pF
< 80
39 pF, 39 pF
002aaf424
LPC1xxx
XTALIN
XTALOUT
CX2
CX1
XTAL
=
CL
CP
RS
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com