Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 31Page - NXP Semiconductors LPC1759 Datasheet HTML 32Page - NXP Semiconductors LPC1759 Datasheet HTML 33Page - NXP Semiconductors LPC1759 Datasheet HTML 34Page - NXP Semiconductors LPC1759 Datasheet HTML 35Page - NXP Semiconductors LPC1759 Datasheet HTML 36Page - NXP Semiconductors LPC1759 Datasheet HTML 37Page - NXP Semiconductors LPC1759 Datasheet HTML 38Page - NXP Semiconductors LPC1759 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
35 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
7.30.2 Brownout detection
The LPC1759/58/56/54/52/51 include 2-stage monitoring of the voltage on the
VDD(REG)(3V3) pins. If this voltage falls below 2.2 V, the BOD asserts an interrupt signal to
the Vectored Interrupt Controller. This signal can be enabled for interrupt in the Interrupt
Enable Register in the NVIC in order to cause a CPU interrupt; if not, software can monitor
the signal by reading a dedicated status register.
The second stage of low-voltage detection asserts reset to inactivate the
LPC1759/58/56/54/52/51 when the voltage on the VDD(REG)(3V3) pins falls below 1.85 V.
This reset prevents alteration of the flash as operation of the various elements of the chip
would otherwise become unreliable due to low voltage. The BOD circuit maintains this
reset down below 1 V, at which point the power-on reset circuitry maintains the overall
reset.
Both the 2.2 V and 1.85 V thresholds include some hysteresis. In normal operation, this
hysteresis allows the 2.2 V detection to reliably interrupt, or a regularly executed event
loop to sense the condition.
7.30.3 Code security (Code Read Protection - CRP)1
This feature of the LPC1759/58/56/54/52/51 allows user to enable different levels of
security in the system so that access to the on-chip flash and use of the JTAG and ISP
can be restricted. When needed, CRP is invoked by programming a specific pattern into a
dedicated flash location. IAP commands are not affected by the CRP.
There are three levels of the Code Read Protection.
CRP1 disables access to chip via the JTAG and allows partial flash update (excluding
flash sector 0) using a limited set of the ISP commands. This mode is useful when CRP is
required and flash field updates are needed but all sectors can not be erased.
CRP2 disables access to chip via the JTAG and only allows full flash erase and update
using a reduced set of the ISP commands.
Running an application with level CRP3 selected fully disables any access to chip via the
JTAG pins and the ISP. This mode effectively disables ISP override using P2[10] pin, too.
It is up to the user’s application to provide (if needed) flash update mechanism using IAP
calls or call reinvoke ISP command to enable flash update via UART0.
7.30.4 APB interface
The APB peripherals are split into two separate APB buses in order to distribute the bus
bandwidth and thereby reducing stalls caused by contention between the CPU and the
GPDMA controller.
1.
LPC1751FBD80 with device ID 25001110 does not support CRP feature. LPC1751FBD80 with device ID 25001118 does support
CRP. See errata note in ES_LPC1751.
CAUTION
If level three Code Read Protection (CRP3) is selected, no future factory testing can be
performed on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com