Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 32Page - NXP Semiconductors LPC1759 Datasheet HTML 33Page - NXP Semiconductors LPC1759 Datasheet HTML 34Page - NXP Semiconductors LPC1759 Datasheet HTML 35Page - NXP Semiconductors LPC1759 Datasheet HTML 36Page - NXP Semiconductors LPC1759 Datasheet HTML 37Page - NXP Semiconductors LPC1759 Datasheet HTML 38Page - NXP Semiconductors LPC1759 Datasheet HTML 39Page - NXP Semiconductors LPC1759 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
36 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
7.30.5 AHB multilayer matrix
The LPC1759/58/56/54/52/51 use an AHB multilayer matrix. This matrix connects the
instruction (I-code) and data (D-code) CPU buses of the ARM Cortex-M3 to the flash
memory, the main (32 kB) static RAM, and the Boot ROM. The GPDMA can also access
all of these memories. The peripheral DMA controllers, Ethernet (LPC1758 only) and
USB, can access all SRAM blocks. Additionally, the matrix connects the CPU system bus
and all of the DMA controllers to the various peripheral functions.
7.30.6 External interrupt inputs
The LPC1759/58/56/54/52/51 include up to 30 edge sensitive interrupt inputs combined
with one level sensitive external interrupt input as selectable pin function. The external
interrupt input can optionally be used to wake up the processor from Power-down mode.
7.30.7 Memory mapping control
The Cortex-M3 incorporates a mechanism that allows remapping the interrupt vector table
to alternate locations in the memory map. This is controlled via the Vector Table Offset
Register contained in the NVIC.
The vector table may be located anywhere within the bottom 1 GB of Cortex-M3 address
space. The vector table must be located on a 128 word (512 byte) boundary because the
NVIC on the LPC1759/58/56/54/52/51 is configured for 128 total interrupts.
7.31 Emulation and debugging
Debug and trace functions are integrated into the ARM Cortex-M3. Serial wire debug and
trace functions are supported in addition to a standard JTAG debug and parallel trace
functions. The ARM Cortex-M3 is configured to support up to eight breakpoints and four
watch points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com