Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 25Page - NXP Semiconductors LPC1759 Datasheet HTML 26Page - NXP Semiconductors LPC1759 Datasheet HTML 27Page - NXP Semiconductors LPC1759 Datasheet HTML 28Page - NXP Semiconductors LPC1759 Datasheet HTML 29Page - NXP Semiconductors LPC1759 Datasheet HTML 30Page - NXP Semiconductors LPC1759 Datasheet HTML 31Page - NXP Semiconductors LPC1759 Datasheet HTML 32Page - NXP Semiconductors LPC1759 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
29 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
7.29.1.1
Internal RC oscillator
The IRC may be used as the clock source for the WDT, and/or as the clock that drives the
PLL and subsequently the CPU. The nominal IRC frequency is 4 MHz. The IRC is
trimmed to 1 % accuracy over the entire voltage and temperature range.
Upon power-up or any chip reset, the LPC1759/58/56/54/52/51 use the IRC as the clock
source. Software may later switch to one of the other available clock sources.
7.29.1.2
Main oscillator
The main oscillator can be used as the clock source for the CPU, with or without using the
PLL. The main oscillator also provides the clock source for the dedicated USB PLL.
The main oscillator operates at frequencies of 1 MHz to 25 MHz. This frequency can be
boosted to a higher frequency, up to the maximum CPU operating frequency, by the main
PLL. The clock selected as the PLL input is PLLCLKIN. The ARM processor clock
frequency is referred to as CCLK elsewhere in this document. The frequencies of
PLLCLKIN and CCLK are the same value unless the PLL is active and connected. The
clock frequency for each peripheral can be selected individually and is referred to as
PCLK. Refer to Section 7.29.2 for additional information.
7.29.1.3
RTC oscillator
The RTC oscillator can be used as the clock source for the RTC block, the main PLL,
and/or the CPU.
Fig 4.
LPC1759/58/56/54/52/51 clocking generation block diagram
MAIN
OSCILLATOR
INTERNAL
RC
OSCILLATOR
RTC
OSCILLATOR
MAIN PLL
WATCHDOG
TIMER
REAL-TIME
CLOCK
CPU
CLOCK
DIVIDER
PERIPHERAL
CLOCK
GENERATOR
USB BLOCK
ARM
CORTEX-M3
ETHERNET
BLOCK
DMA
GPIO
NVIC
USB
CLOCK
DIVIDER
system
clock
select
(CLKSRCSEL)
USB clock config
(USBCLKCFG)
CPU clock config
(CCLKCFG)
pllclk
CCLK/8
CCLK/6
CCLK/4
CCLK/2
CCLK
pclkWDT
rtclk = 1Hz
usbclk
(48 MHz)
cclk
USB PLL
USB PLL enable
main PLL enable
32 kHz
APB peripherals
LPC17xx
002aad947



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com