Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 5 Page - NXP Semiconductors

  LPC1759 Datasheet HTML 1Page - NXP Semiconductors LPC1759 Datasheet HTML 2Page - NXP Semiconductors LPC1759 Datasheet HTML 3Page - NXP Semiconductors LPC1759 Datasheet HTML 4Page - NXP Semiconductors LPC1759 Datasheet HTML 5Page - NXP Semiconductors LPC1759 Datasheet HTML 6Page - NXP Semiconductors LPC1759 Datasheet HTML 7Page - NXP Semiconductors LPC1759 Datasheet HTML 8Page - NXP Semiconductors LPC1759 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
5 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
5.
Block diagram
Grey-shaded blocks represent peripherals with connection to the GPDMA.
Fig 1.
Block diagram
SRAM
64/32/
16/8 kB
ARM
CORTEX-M3
TEST/DEBUG
INTERFACE
FLASH
ACCELERATOR
FLASH
512/256/128/64/32 kB
DMA
CONTROLLER
ETHERNET
CONTROLLER
WITH DMA(2)
USB HOST/
DEVICE/OTG
CONTROLLER
WITH DMA(4)
I-code
bus
D-code
bus
system
bus
AHB TO
APB
BRIDGE 0
HIGH-SPEED
GPIO
AHB TO
APB
BRIDGE 1
CLOCK
GENERATION,
POWER CONTROL,
SYSTEM
FUNCTIONS
XTAL1
XTAL2
RESET
clocks and
controls
JTAG
interface
debug
port
USB PHY
SSP0
UART2/3
I2S(1)
RI TIMER
SYSTEM CONTROL
SSP1
UART0/1
CAN1/CAN2(1)
I2C1
SPI0
TIMER 0/1
WDT
PWM1
12-bit ADC
PIN CONNECT
GPIO INTERRUPT CONTROL
RTC
BACKUP REGISTERS
32 kHz
OSCILLATOR
APB slave group 1
APB slave group 0
RTC POWER DOMAIN
LPC1759/58/56/54/52/51
master
master
master
002aae153
slave
slave
slave
slave
ROM
slave
slave
MULTILAYER AHB MATRIX
P0, P1,
P2, P4
SCK0
SSEL0
MISO0
MOSI0
SCK1
SSEL1
MISO1
MOSI1
RXD2/3
TXD2/3
SCL2
I2C2
SDA2
MOTOR CONTROL PWM
MCOA[2:0]
MCOB[2:0]
MCI[2:0]
TIMER2/3
4
× MAT2
2
× MAT3
I2SRX_SDA
I2STX_CLK
I2STX_WS
I2STX_SDA
TX_MCLK
RX_MCLK
DAC(3)
AOUT
QUADRATURE ENCODER
PHA, PHB
INDEX
RTCX1
RTCX2
VBAT
PWM1[6:1]
2
× MAT0/1
1
× CAP0,
2
× CAP1
RD1/2
TD1/2
SDA1
SCL1
AD0[7:2]
SCK/SSEL
MOSI/MISO
8
× UART1
RXD0/TXD0
P0, P2
PCAP1[1:0]
RMII pins
USB pins
(1) LPC1759/58/56 only
(2) LPC1758 only
EXTERNAL INTERRUPTS
EINT0
(3) LPC1759/58/56/54 only
(4) LPC1752/51 USB device only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com