Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 39Page - NXP Semiconductors LPC1759 Datasheet HTML 40Page - NXP Semiconductors LPC1759 Datasheet HTML 41Page - NXP Semiconductors LPC1759 Datasheet HTML 42Page - NXP Semiconductors LPC1759 Datasheet HTML 43Page - NXP Semiconductors LPC1759 Datasheet HTML 44Page - NXP Semiconductors LPC1759 Datasheet HTML 45Page - NXP Semiconductors LPC1759 Datasheet HTML 46Page - NXP Semiconductors LPC1759 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
43 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
Conditions: VDD(Reg)(3V3) = 3.3 V; BOD disabled.
Fig 7.
Power-down mode: Typical regulator supply current IDD(Reg)(3V3) versus
temperature
Conditions: VDD(REG)(3V3) floating; RTC running.
Fig 8.
Deep power-down mode: Typical battery supply current IBAT versus temperature
002aaf569
40
80
120
0
temperature (
°C)
−40
85
35
10
60
−15
IDD(Reg)(3V3)
(
μA)
3.6 V
3.3 V
2.4 V
002aag119
1.0
1.4
1.8
0.6
temperature (°C)
-40
85
35
10
60
-15
IBAT)
(μA)
Vi(VBAT) = 3.6 V
3.3 V
3.0 V
2.4 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com