Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 45Page - NXP Semiconductors LPC1759 Datasheet HTML 46Page - NXP Semiconductors LPC1759 Datasheet HTML 47Page - NXP Semiconductors LPC1759 Datasheet HTML 48Page - NXP Semiconductors LPC1759 Datasheet HTML 49Page - NXP Semiconductors LPC1759 Datasheet HTML 50Page - NXP Semiconductors LPC1759 Datasheet HTML 51Page - NXP Semiconductors LPC1759 Datasheet HTML 52Page - NXP Semiconductors LPC1759 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
49 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
11.3 Internal oscillators
[1]
Parameters are valid over operating temperature range unless otherwise specified.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply voltages.
11.4 I/O pins
[1]
Applies to standard port pins and RESET pin.
Table 10.
Dynamic characteristic: internal oscillators
Tamb = 40 C to +85 C; 2.7 V VDD(3V3) 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
fosc(RC)
internal RC oscillator frequency
-
3.96
4.02
4.04
MHz
fi(RTC)
RTC input frequency
-
-
32.768
-
kHz
Conditions: Frequency values are typical values. 4 MHz
 1 % accuracy is guaranteed for
2.7 V
 V
DD(3V3) 3.6 V and Tamb = 40 C to +85 C. Variations between parts may cause the IRC
to fall outside the 4 MHz
 1 % accuracy specification for voltages below 2.7 V.
Fig 15. Internal RC oscillator frequency versus temperature
002aaf107
temperature (
°C)
−40
85
35
10
60
−15
4.024
4.032
4.020
4.028
4.036
fosc(RC)
(MHz)
4.016
VDD(3V) = 3.6 V
3.3 V
3.0 V
2.7 V
2.4 V
Table 11.
Dynamic characteristic: I/O pins[1]
Tamb = 40 C to +85 C; VDD(3V3) over specified ranges.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
pin configured as output
3.0
-
5.0
ns
tf
fall time
pin configured as output
2.5
-
5.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com