Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 60Page - NXP Semiconductors LPC1759 Datasheet HTML 61Page - NXP Semiconductors LPC1759 Datasheet HTML 62Page - NXP Semiconductors LPC1759 Datasheet HTML 63Page - NXP Semiconductors LPC1759 Datasheet HTML 64Page - NXP Semiconductors LPC1759 Datasheet HTML 65Page - NXP Semiconductors LPC1759 Datasheet HTML 66Page - NXP Semiconductors LPC1759 Datasheet HTML 67Page - NXP Semiconductors LPC1759 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
64 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
14.2 Crystal oscillator XTAL input and component selection
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mV(RMS) is needed.
In slave mode the input clock signal should be coupled by means of a capacitor of 100 pF
(Figure 32), with an amplitude between 200 mV(RMS) and 1000 mV(RMS). This
corresponds to a square wave signal with a signal swing of between 280 mV and 1.4 V.
The XTALOUT pin in this configuration can be left unconnected.
External components and models used in oscillation mode are shown in Figure 33 and in
Table 21 and Table 22. Since the feedback resistance is integrated on chip, only a crystal
and the capacitances CX1 and CX2 need to be connected externally in case of
fundamental mode oscillation (the fundamental frequency is represented by L, CL and
RS). Capacitance CP in Figure 33 represents the parallel package capacitance and should
not be larger than 7 pF. Parameters FOSC, CL, RS and CP are supplied by the crystal
manufacturer.
Fig 31. LPC1759/58/56/54/52/51 USB device port configuration
LPC17xx
USB-B
connector
33
Ω
33
Ω
002aad943
USB_UP_LED
USB_CONNECT
VDD
VDD
D+
D
−
USB_D+
USB_D
−
VBUS
VBUS
VSS
Fig 32. Slave mode operation of the on-chip oscillator
LPC1xxx
XTAL1
Ci
100 pF
Cg
002aae835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com