Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 28Page - NXP Semiconductors LPC1759 Datasheet HTML 29Page - NXP Semiconductors LPC1759 Datasheet HTML 30Page - NXP Semiconductors LPC1759 Datasheet HTML 31Page - NXP Semiconductors LPC1759 Datasheet HTML 32Page - NXP Semiconductors LPC1759 Datasheet HTML 33Page - NXP Semiconductors LPC1759 Datasheet HTML 34Page - NXP Semiconductors LPC1759 Datasheet HTML 35Page - NXP Semiconductors LPC1759 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
32 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
On wake-up from Deep-sleep mode, the code execution and peripherals activities will
resume after 4 cycles expire if the IRC was used before entering Deep-sleep mode. If the
main external oscillator was used, the code execution will resume when 4096 cycles
expire. PLL and clock dividers need to be reconfigured accordingly.
7.29.5.3
Power-down mode
Power-down mode does everything that Deep-sleep mode does, but also turns off the
power to the IRC oscillator and the flash memory. This saves more power but requires
waiting for resumption of flash operation before execution of code or data access in the
flash memory can be accomplished.
On the wake-up of Power-down mode, if the IRC was used before entering Power-down
mode, it will take IRC 60
s to start-up. After this 4 IRC cycles will expire before the code
execution can then be resumed if the code was running from SRAM. In the meantime, the
flash wake-up timer then counts 4 MHz IRC clock cycles to make the 100
s flash start-up
time. When it times out, access to the flash will be allowed. Users need to reconfigure the
PLL and clock dividers accordingly.
7.29.5.4
Deep power-down mode
The Deep power-down mode can only be entered from the RTC block. In Deep
power-down mode, power is shut off to the entire chip with the exception of the RTC
module and the RESET pin.
The LPC1759/58/56/54/52/51 can wake up from Deep power-down mode via the RESET
pin or an alarm match event of the RTC.
7.29.5.5
Wakeup interrupt controller
The Wakeup Interrupt Controller (WIC) allows the CPU to automatically wake up from any
enabled priority interrupt that can occur while the clocks are stopped in Deep sleep,
Power-down, and Deep power-down modes.
The Wakeup Interrupt Controller (WIC) works in connection with the Nested Vectored
Interrupt Controller (NVIC). When the CPU enters Deep sleep, Power-down, or Deep
power-down mode, the NVIC sends a mask of the current interrupt situation to the
WIC.This mask includes all of the interrupts that are both enabled and of sufficient priority
to be serviced immediately. With this information, the WIC simply notices when one of the
interrupts has occurred and then it wakes up the CPU.
The Wakeup Interrupt Controller (WIC) eliminates the need to periodically wake up the
CPU and poll the interrupts resulting in additional power savings.
7.29.6 Peripheral power control
A power control for peripherals feature allows individual peripherals to be turned off if they
are not needed in the application, resulting in additional power savings.
7.29.7 Power domains
The LPC1759/58/56/54/52/51 provide two independent power domains that allow the bulk
of the device to have power removed while maintaining operation of the RTC and the
backup Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com