Electronic Components Datasheet Search
  English  ▼

X  

LPC1759 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC1759
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1759 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC1759 Datasheet HTML 8Page - NXP Semiconductors LPC1759 Datasheet HTML 9Page - NXP Semiconductors LPC1759 Datasheet HTML 10Page - NXP Semiconductors LPC1759 Datasheet HTML 11Page - NXP Semiconductors LPC1759 Datasheet HTML 12Page - NXP Semiconductors LPC1759 Datasheet HTML 13Page - NXP Semiconductors LPC1759 Datasheet HTML 14Page - NXP Semiconductors LPC1759 Datasheet HTML 15Page - NXP Semiconductors LPC1759 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
12 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
[1]
5 V tolerant pad providing digital I/O functions with TTL levels and hysteresis.
[2]
5 V tolerant pad providing digital I/O functions (with TTL levels and hysteresis) and analog input. When configured as a ADC input,
digital section of the pad is disabled and the pin is not 5 V tolerant.
[3]
5 V tolerant pad providing digital I/O with TTL levels and hysteresis and analog output function. When configured as the DAC output,
digital section of the pad is disabled.
[4]
Pad provides digital I/O and USB functions. It is designed in accordance with the USB specification, revision 2.0 (Full-speed and
Low-speed mode only). This pad is not 5 V tolerant.
[5]
5 V tolerant pad with 5 ns glitch filter providing digital I/O functions with TTL levels and hysteresis.
[6]
5 V tolerant pad with TTL levels and hysteresis. Internal pull-up and pull-down resistors disabled.
[7]
5 V tolerant pad with TTL levels and hysteresis and internal pull-up resistor.
[8]
5 V tolerant pad with 20 ns glitch filter providing digital I/O function with TTL levels and hysteresis.
[9]
Pad provides special analog functionality.
[10] When the system oscillator is not used, connect XTAL1 and XTAL2 as follows: XTAL1 can be left floating or can be grounded (grounding
is preferred to reduce susceptibility to noise). XTAL2 should be left floating.
[11] When the RTC is not used, connect VBAT to VDD(REG)(3V3) and leave RTCX1 floating.
VSSA
9I
analog ground: 0 V reference. This should nominally be the same voltage as VSS,
but should be isolated to minimize noise and error.
VDD(3V3)
21, 42,
56, 77
I
3.3 V supply voltage: This is the power supply voltage for the I/O ports.
VDD(REG)(3V3)
34, 67
I
3.3 V voltage regulator supply voltage: This is the supply voltage for the on-chip
voltage regulator only.
VDDA
8I
analog 3.3 V pad supply voltage: This should be nominally the same voltage as
VDD(3V3) but should be isolated to minimize noise and error. This voltage is used to
power the ADC and DAC. This pin should be tied to 3.3 V if the ADC and DAC are
not used.
VREFP
10
I
ADC positive reference voltage: This should be nominally the same voltage as
VDDA but should be isolated to minimize noise and error. Level on this pin is used
as a reference for ADC and DAC. This pin should be tied to 3.3 V if the ADC and
DAC are not used.
VREFN
12
I
ADC negative reference voltage: This should be nominally the same voltage as
VSS but should be isolated to minimize noise and error. Level on this pin is used as
a reference for ADC and DAC.
VBAT
16[11]
I
RTC pin power supply: 3.3 V on this pin supplies the power to the RTC
peripheral.
Table 3.
Pin description …continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com