Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 29Page - Texas Instruments TUSB1310A Datasheet HTML 30Page - Texas Instruments TUSB1310A Datasheet HTML 31Page - Texas Instruments TUSB1310A Datasheet HTML 32Page - Texas Instruments TUSB1310A Datasheet HTML 33Page - Texas Instruments TUSB1310A Datasheet HTML 34Page - Texas Instruments TUSB1310A Datasheet HTML 35Page - Texas Instruments TUSB1310A Datasheet HTML 36Page - Texas Instruments TUSB1310A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
TUSB1310A
www.ti.com
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
DC CHARACTERISTICS for 1.8-V DIGITAL IO (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receiver/pullup only, pullup
enabled (not inhibited),
-47 to -169
VPAD = 0 V
II(PUon)
µA
Receiver/pullup only, pullup
–100
enabled (not inhibited)
IOZ
Driver only, driver disabled
±20
µA
IZ
See (1)
±20
µA
SSTXP/SSTXN differential
VTX_DIFF_SS
0.8
1.2
V
p-p TX voltage swing
RTX_DIFF_DC
DC differential impedance
72
120
Ω
The amount of voltage
VTX_RCV_DET
change allowed during
0.6
V
receiver detection
CAC_COUPLING
AC coupling capacitor
75
200
nF
Receiver DC common
RRX_DC
18
30
Ω
mode impedance
RRX_DIFF_DC
DC differential impedance
72
120
Ω
VRX_LFPS_DET
LFPS detect threshold
100
300
mV
VCM_AC_LFPS
100
mV
VCM_LFPS_active
10
mV
VTX_DIFF_PP_LFPS
800
1200
mV
(1)
IZ is the total leakage current through the PAD connection of a driver/receiver combination that may include a pullup or pulldown. The
driver output is disabled and the pullup or pulldown is inhibited.
6.4
DEVICE POWER CONSUMPTION
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
VDDA3P3 power consumption
13
mW
VDDA1P8 power consumption
77
mW
VDDA1P1 power consumption
118
mW
VDD1P1 power consumption
98
mW
VDD1P8 power consumption
128
mW
(1)
Power consumption condition is transmitting and/or receiving (in U0) at 25
°C and nominal voltages.
6.5
AC Characteristics
6.5.1
Power Up and Reset Timing
The TUSB1310A does not drive signals on any strapping pins before they are latched internally.
Copyright
© 2010–2011, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
33
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com