Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 32Page - Texas Instruments TUSB1310A Datasheet HTML 33Page - Texas Instruments TUSB1310A Datasheet HTML 34Page - Texas Instruments TUSB1310A Datasheet HTML 35Page - Texas Instruments TUSB1310A Datasheet HTML 36Page - Texas Instruments TUSB1310A Datasheet HTML 37Page - Texas Instruments TUSB1310A Datasheet HTML 38Page - Texas Instruments TUSB1310A Datasheet HTML 39Page - Texas Instruments TUSB1310A Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
ULPI_CLK
ULPI_STP
ULPI_DATA7-0 In
(8-bit)
Tsc8
Thc8
Tsd8
Thd8
Tsdd8 Thdd8
Valid Data
Tsdd8 Thdd8
ULPI_CLK
ULPI_DIR
ULPI_NXT
ULPI_DATA7-0 Out
(8-bit)
Tdc9
Tdd9
Tddd9
Tdc9
Valid Data
Tddd9
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
Table 6-5. ULPI Clock Parameters (continued)
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
Rise and fall time
Trise/Tfall
ns
6.5.6
ULPI Transmit
Figure 6-4. ULPI Transmit Timing
Table 6-6. ULPI Transmit Timing
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
ULPI_STP setup time
Tsc8, Tsd8
6
ns
ULPI_STP hold time
Thc8, Thd8
0
ns
6.5.7
ULPI Receive Timing
Figure 6-5. ULPI Receive Timing
Table 6-7. ULPI Receive Timing
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
ULPI_DIR/ULPI_NXT/ULPI_DATA7-0(1)
Tdc9, Tdd9
9
ns
(1)
Output Load max = 10 pF, min = 5 pF
36
ELECTRICAL SPECIFICATIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com