Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 8Page - Texas Instruments TUSB1310A Datasheet HTML 9Page - Texas Instruments TUSB1310A Datasheet HTML 10Page - Texas Instruments TUSB1310A Datasheet HTML 11Page - Texas Instruments TUSB1310A Datasheet HTML 12Page - Texas Instruments TUSB1310A Datasheet HTML 13Page - Texas Instruments TUSB1310A Datasheet HTML 14Page - Texas Instruments TUSB1310A Datasheet HTML 15Page - Texas Instruments TUSB1310A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
Table 2-2. PIPE Signal Description (continued)
SIGNAL NAME
TYPE
BALL NO.
DESCRIPTION
Active High. Used to communicate completion of several PHY functions including power
S, I/O,
management state transitions, rate change, and receiver detection. When this signal
PHY_STATUS
E3
PD
transitions during entry and exit from P3 and PCLK is not running, then the signaling is
asynchronous.
PWRPRESENT
O
H11
Indicates the presence of VBUS
CONFIGURATION PINS
Active High. Used only when transmitting USB compliance pat-terns CP7 or CP8. Causes
TX_ONESZEROS
I, PD
M4
the transmitter to transmit an alternating sequence of 50 - 250 ones and 50 - 250 zeros
–
regardless of the state of the TX_DATA interface.
Selects transmitter de-emphasis. When the MAC changes, the TUSB1310A starts to
TX_DEEMPH1
K11
transmit with the new setting within 128 ns.
I, PD, PU
TX_DEEMPH0
L11
BIT 1
BIT 0
DESCRIPTION
0
0
-6 dB de-emphasis
0
1
-3.5 dB de-emphasis
1
0
No de-emphasis
1
1
Reserved
TX_MARGIN2
M11
Selects transmitter voltage levels
TX_MARGIN1
M10
BIT 2
BIT 1
BIT 0
TX_SWING
DESCRIPTION
I, PD
Normal operating range
TX_MARGIN0
M9
0
0
0
0
800 mV - 1200 mV
Normal operating range
0
0
0
1
400 mV - 700 mV
0
800 mV - 1200 mV
0
0
1
1
400 mV - 700 mV
0
700 mV - 900 mV
0
1
0
1
300 mV - 500 mV
0
400 mV - 600 mV
0
1
1
1
200 mV - 400 mV
1
0
200 mV - 400 mV
Don't care
1
1
100 mV - 200 mV
Controls transmitter voltage swing level
TX_SWING
I, PD
M5
0 Full swing
1 Half swing
Active High. Tells PHY to do a polarity inversion on the received data. Inverted data show
up on RX_DATA15-0 within 20 PCLK clocks after RX_POLARITY is asserted.
RX_POLARITY
I, PD
C8
0 PHY does no polarity inversion.
1 PHY does polarity inversion.
Controls presence of receiver terminations
RX_TERMINATION
I, PD
D3
0 Terminations removed
1 Terminations present
Controls the link signaling rate
RATE
I, PU
L6
The RATE is always 1.
Selects elasticity buffer operating mode
ELAS_BUF_MODE
I, PD
C9
0 Nominal half full buffer mode
1 Nominal empty buffer mode
12
PIN DESCRIPTIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com