Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 24 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 20Page - Texas Instruments TUSB1310A Datasheet HTML 21Page - Texas Instruments TUSB1310A Datasheet HTML 22Page - Texas Instruments TUSB1310A Datasheet HTML 23Page - Texas Instruments TUSB1310A Datasheet HTML 24Page - Texas Instruments TUSB1310A Datasheet HTML 25Page - Texas Instruments TUSB1310A Datasheet HTML 26Page - Texas Instruments TUSB1310A Datasheet HTML 27Page - Texas Instruments TUSB1310A Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
4
REGISTERS
4.1
Register Definitions
Table 4-1. Register Definitions
ACCESS CODE
EXPANDED NAME
DESCRIPTION
Rd
Read
Register can be read. Read-only if this is the only mode given.
Wr
Write
Pattern on the data bus will be written over all bits of the register.
S
Set
Pattern on the data bus is OR
’s with and written into the register.
Pattern on the data bus is a mask. If a bit in the mask is set, then the
C
Clear
corresponding register bit will be set to zero (cleared).
4.2
Register Map
The TUSB1310A contains the ULPI registers consisting of an immediate register set and an extended
register set.
Table 4-2. Register Map
ADDRESS (6 BITS)
REGISTER NAME
Rd
Wr
Set
Clr
IMMEDIATE REGISTER SET
Vendor ID Low
00h
Vendor ID High
01h
Product ID Low
02h
Product ID High
03h
Function Control
04h-06h
04h
05h
06h
Interface Control
07h-09h
07h
08h
09h
OTG Control
0Ah-0Ch
0Ah
0Bh
0Ch
USB Interrupt Enable Rising
0Dh-0Fh
0Dh
0Eh
0Fh
USB Interrupt Enable Falling
10h-12h
10h
11h
12h
USB Interrupt Status
13h
13h
USB Interrupt Latch
14h
14h
Debug
15h
Scratch Register
16h-18h
16h
17h
18h
Reserved
19h-2Eh
4.2.1
Vendor ID and Product ID (00h-03h)
Table 4-3. Vendor ID and Product ID
ADDRESS
BITS
NAME
ACCESS
RESET
DESCRIPTION
00h
7:00
Vendor ID Low
Rd
51h
Lower byte of Vendor ID supplied by USB-IF
01h
7:00
Vendor ID High
Rd
04h
Upper byte of Vendor ID supplied by USB-IF
02h
7:00
Product ID Low
Rd
10h
Lower byte of Vendor ID supplied by Vendor
03h
7:00
Product ID High
Rd
13h
Upper byte of Vendor ID supplied by Vendor
24
REGISTERS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com