Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 14Page - Texas Instruments TUSB1310A Datasheet HTML 15Page - Texas Instruments TUSB1310A Datasheet HTML 16Page - Texas Instruments TUSB1310A Datasheet HTML 17Page - Texas Instruments TUSB1310A Datasheet HTML 18Page - Texas Instruments TUSB1310A Datasheet HTML 19Page - Texas Instruments TUSB1310A Datasheet HTML 20Page - Texas Instruments TUSB1310A Datasheet HTML 21Page - Texas Instruments TUSB1310A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
3
FUNCTIONAL DESCRIPTION
3.1
Power On and Reset
The TUSB1310A has two hardware reset pins, a chip reset RESETN and a logic reset PHY_RESETN.
The RESETN is used only at Power On. The PHY_RESETN can be used as a functional reset. The ULPI
register also has a software reset.
Until all power sources are supplied, the OUT_ENABLE pin can control the output driver enable. After all
power sources are supplied, the chip reset RESETN and a ULPI soft reset will be asserted by the Link
Layer. The power up sequence is described in section 3.1.4
3.1.1
RESETN and PHY_RESETN
– Hardware Reset
The RESETN sets all internal states to initial values. The Link Layer needs to hold the PHY in reset via
the RESETN until all power sources and the reference clock to the TUSB1310A are stable. All pins used
for strapping options must be set before RESETN de-assertion as they are latched by reset de-assertion.
All strapping option pins have internal pull-up or pull-down to set default values, but if any non-default
values are desired, they need to be controlled externally by the Link Layer Controller.
Table 3-1. Pin States in Chip Reset
PIPE CONTROL PIN NAME
STATE
VALUE
TX_DETRX_LPBK
Inactive
0
TX_ELECIDLE
Active
1
TX_ONESZEROS
Inactive
0
RX_POLARITY
Inactive
0
POWER_DOWN
U2
10b
TX_MARGIN2-0
Normal operating range
000b
TX_DEEMP
-3.5 dB
1
RATE
5.0 Gbps
1
TX_SWING
Full swing or half swing
0 or 1
RX_TERMINATION
Appropriate state
0 or 1
3.1.2
ULPI Reset
– Software Reset
After power-up, the Link Layer Controller must set the Reset bit in ULPI register. It resets the core but
does not reset the ULPI interface or the ULPI registers.
During the ULPI reset, the ULPI_DIR is de-asserted. After the reset, the ULPI_DIR is asserted again and
the TUSB1310A sends an RX CMD update to the Link Layer. During the reset, the link should ignore
signals on the ULPI_DATA7-0 and must not access the TUSB1310A.
3.1.3
OUT_ENABLE - Output Enable
Digital IO buffers use two power supplies, core VDD1P1 and IO VDD1P8. During power up,
OUT_ENABLE must be asserted low for proper operation.
3.1.4
Power Up Sequence
The power up sequence is shown in Figure 3-1.
18
FUNCTIONAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com