Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 27Page - Texas Instruments TUSB1310A Datasheet HTML 28Page - Texas Instruments TUSB1310A Datasheet HTML 29Page - Texas Instruments TUSB1310A Datasheet HTML 30Page - Texas Instruments TUSB1310A Datasheet HTML 31Page - Texas Instruments TUSB1310A Datasheet HTML 32Page - Texas Instruments TUSB1310A Datasheet HTML 33Page - Texas Instruments TUSB1310A Datasheet HTML 34Page - Texas Instruments TUSB1310A Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
TUSB1310A
www.ti.com
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
Table 5-1. Oscillator Specification (continued)
PARAMETER
MIN
TYP
MAX
UNITS
CONDITION
Reference clock TJ
25
psec
with JTF (total p-p)(2)(3)
Reference clock jitter
50
psec
(absolute p-p)(4)
(3)
Calculated as 14.1 x RJ + DJ
(4)
Absolute phase jitter (p-p)
5.2.3
Crystal
Either a 20-MHz, 25-MHz, 30-MHz, or 40-MHz crystal can be selected. A parallel, 20-pF load crystal
should be used if a crystal source is used.
Table 5-2. Crystal Specification
PARAMETER
MIN
TYP
MAX
UNITS
CONDITION
Frequency tolerance
±50
ppm
Operational temperature
Frequency stability
±50
ppm
1 year aging
Load capacitance
12
20
24
pF
Copyright
© 2010–2011, Texas Instruments Incorporated
DESIGN GUIDELINES
31
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com