Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 22Page - Texas Instruments TUSB1310A Datasheet HTML 23Page - Texas Instruments TUSB1310A Datasheet HTML 24Page - Texas Instruments TUSB1310A Datasheet HTML 25Page - Texas Instruments TUSB1310A Datasheet HTML 26Page - Texas Instruments TUSB1310A Datasheet HTML 27Page - Texas Instruments TUSB1310A Datasheet HTML 28Page - Texas Instruments TUSB1310A Datasheet HTML 29Page - Texas Instruments TUSB1310A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
4.2.3
Interface Control (07h-09h)
Address: 07-09h (Read), 07h (Write), 08h (Set), 09h (Clear)
Table 4-5. Interface Control
BITS
NAME
ACCESS
RESET
DESCRIPTION
0
Reserved
Rd
0b
Reserved, only write a 0 to this bit.
1
Reserved
Rd
0b
Reserved, only write a 0 to this bit.
2
Reserved
Rd
0h
Reserved
Active low clock suspend. Valid only in Serial Mode. Powers
down the internal clock circuitry only. Valid only when
SuspendM = 1. The TUSB1310A must ignore ClockSuspend
3
ClockSuspendM
Rd/Wr/S/C
0b
when SuspendM = 0. By default, the clock will not be
powered in Serial Mode.
0 : Clock will not be powered in Serial Mode
1 : Clock will be powered in Serial Mode
6:4
Reserved
Rd
0h
Reserved
Controls internal pullups and pulldowns on the ULPI_STP and
the ULPI_DATA for protecting the ULPI when the Link Layer
Interface
7
Rd/Wr/S/C
0
Controller tri-states the signals.
Protect Disable
0 Enables the pullup and pulldown
1 Disables the pullup and pulldown
4.2.4
OTG Control
Address: 0Ah-0Ch (Read), 0Ah (Write), 0Bh (Set), 0Ch (Clear). Controls UTMI+ OTG functions of the
PHY.
Table 4-6. OTG Control Register
BITS
NAME
ACCESS
RESET
DESCRIPTION
0
Reserved
Rd
0b
This bit is not implemented and returns a 0b when read.
Enables the 15-k
Ω pull-down resistor on D+.
1
DpPulldown
Rd/Wr/S/C
1b
0 Pull-down resistor not connected to D+
1 Pull-down resistor connected to D+
Enables the 15-k
Ω pull-down resistor on D-.
2
DmPulldown
Rd/Wr/S/C
1h
0 Pull-down resistor not connected to D-
1 Pull-down resistor connected to D-
7:3
Reserved
Rd
0h
These bits are not implemented and return zeros when read.
4.2.5
USB Interrupt Enable Rising (0Dh-0Fh)
Address: 0D-0Fh (Read), 0Dh (Write), 0Eh (Set), 0Fh (Clear)
Table 4-7. USB Interrupt Enable Rising
BITS
NAME
ACCESS
RESET
DESCRIPTION
Generate an interrupt event notification when Hostdisconnect
0
Hostdisconnect Rise
Rd/Wr/S/C
1b
changes from low to high Applicable only in host mode
(DpPulldown and DmPulldown both set to 1b).
26
REGISTERS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com