Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 16Page - Texas Instruments TUSB1310A Datasheet HTML 17Page - Texas Instruments TUSB1310A Datasheet HTML 18Page - Texas Instruments TUSB1310A Datasheet HTML 19Page - Texas Instruments TUSB1310A Datasheet HTML 20Page - Texas Instruments TUSB1310A Datasheet HTML 21Page - Texas Instruments TUSB1310A Datasheet HTML 22Page - Texas Instruments TUSB1310A Datasheet HTML 23Page - Texas Instruments TUSB1310A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
3.3.1
USB Power Management
The USB 3.0 specification improves power consumption by defining 4 power states, U0, U1, U2, and U3
while the PIPE specification defines P0, P1, P2 and P3. The POWER_DOWN pin states are mapped to
LTSSM states as described in Table 3-2. For all power state transitions, the Link Layer Controller must not
begin any operational sequences or further power state transitions until the TUSB1310A has indicated that
the internal state transition is completed.
Table 3-2. Power States
PIPE
POWER
USB POWER STATE
PCLK
PLL
TRANSMITTING
RECEIVING
PHY_STATUS
STATE
U0, all other LTSSM
P0
On
On
Active or Idle or LFPS
Active or Idle
A single cycle assertion
states
P1
U1
On
On
Idle or LFPS
Idle
A single cycle assertion
U2, RxDetect,
Idle or LFPS or
P2
On
On
Idle
A single cycle assertion
SS.Inactive
RxDetect
PHY_STATUS is
Off. The PIPE is in
asserted before PCLK is
P3
U3, SS.disabled
an asynchronous
Off
LFPS or RxDetect
Idle
turned off and
mode
de-asserted when PCLK
is fully off.
When the Link Layer Controller wants to transmit LFPS in P1, P2, or P3 state, it must de-assert
TX_ELECIDLE. The TUSB1310A generates valid LFPS until the TX_ELECIDLE is asserted. The Link
Layer Controller must assert TX_ELECIDLE before transitioning to P0.
When RX_ELECIDLE is de-asserted in P0, P1, P2, or P3, the TUSB1310A receiver monitors for LFPS
except during reset or when RX_TERMINATION is removed for electrical idle.
When the TUSB1310A is in P0 and is actively transmitting; only RX_POLARITY can be asserted.
Table 3-3. PIPE Control Pin Matrix
POWER STATE
TX_DETRX_LPBK
TX_ELECIDLE
DESCRIPTION
0
0
Transmitting data on TX_DATA.
0
1
Not transmitting and is in electrical idle
P0
1
0
Goes into loopback mode
1
1
Transmits LFPS signaling
0
Transmits LFPS signaling
P1
Don
’t care
1
Not transmitting and is in electrical idle
Don
’t care
0
Transmits LFPS signaling
P2
0
1
Idle
1
1
Does a receiver detection operation
0
Transmits LFPS signaling
P3
Don
’t care
1
Does a receiver detection operation
20
FUNCTIONAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com