Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 35 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 31Page - Texas Instruments TUSB1310A Datasheet HTML 32Page - Texas Instruments TUSB1310A Datasheet HTML 33Page - Texas Instruments TUSB1310A Datasheet HTML 34Page - Texas Instruments TUSB1310A Datasheet HTML 35Page - Texas Instruments TUSB1310A Datasheet HTML 36Page - Texas Instruments TUSB1310A Datasheet HTML 37Page - Texas Instruments TUSB1310A Datasheet HTML 38Page - Texas Instruments TUSB1310A Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
PCLK
RX_DATA15-0
RX_DATAK1-0
RX_VALID
RX_STATUS2-0
PHY_STATUS
Valid Data
Tcyc3
Tdly3
TUSB1310A
www.ti.com
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
6.5.3
PIPE Receive
Figure 6-3. PIPE Receive Timing
Table 6-3. PIPE Receive Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
Tcyc3
PCLK Period
4
ns
Tdty3
PCLK Duty Cycle
50
%
PCLK rise and fall to RX_DATA15-0, RX_DATAK1-0, RX_VALID,
Tdly3
1
2
ns
RX_STATUS2-0, PHY_STATUS Delay(1)(2)
(1)
Output Load max = 10 pF, min = 5 pF
(2)
Timing is relative to the 50% transition point, not VIH/VIL.
6.5.4
ULPI Parameters
Table 6-4. ULPI Parameters
DESCRIPTION
NOTES
HS
FS
LS
UNIT
RX CMD delay
2-4
2-4
2-4
clocks
TX start delay
1-2
1-10
1-10
clocks
TX end delay
PHY pipeline delays
2-5
clocks
RX start delay
3-8
clocks
RX end delay
3-8
17-18
122-123
clocks
Transmit-Transmit (host only)
15-24
7-18
77-247
clocks
Link decision times
Receive-Transmit (host or peripheral)
1-14
7-18
77-247
clocks
6.5.5
ULPI Clock
Table 6-5. ULPI Clock Parameters
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
Frequency (first transition)
±10%
Fstart_8bit
54
60
66
MHz
Frequency (steady state)
±500 ppm
Fsteady
59.97
60
60.03
MHz
Duty cycle (first transition)
±10%
Dstart_8bit
40
50
60
%
Duty cycle (steady state)
±500 ppm
Dsteady
49.97 5
50
50.02 5
%
Time to reach steady state frequency and duty cycle after
Tsteady
1.4
ms
first transition
Clock startup time after deassertion of SuspemdM
–
Tstart_dev
5.6
ms
Peripheral
Clock startup time after deassertion of SuspemdM
– Hold
Tstart_host
ms
PHY preparation time after first transition of input clock
Tprep
µs
Jitter
Tjitter
ps
Copyright
© 2010–2011, Texas Instruments Incorporated
ELECTRICAL SPECIFICATIONS
35
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com