Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 26Page - Texas Instruments TUSB1310A Datasheet HTML 27Page - Texas Instruments TUSB1310A Datasheet HTML 28Page - Texas Instruments TUSB1310A Datasheet HTML 29Page - Texas Instruments TUSB1310A Datasheet HTML 30Page - Texas Instruments TUSB1310A Datasheet HTML 31Page - Texas Instruments TUSB1310A Datasheet HTML 32Page - Texas Instruments TUSB1310A Datasheet HTML 33Page - Texas Instruments TUSB1310A Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
VDDO1P1
XI
VSSOSC
XO
VDDO1P8
VSSO
CL1
Crystal
VDD1P8
CL2
VDD1P1
·
·
·
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
Load capacitance (CLOAD) of the crystal varying with the crystal vendors is the total capacitance value of
the entire oscillation circuit system as seen from the crystal. It includes two external capacitors CL1 and
CL2 in Figure 5-4. The trace length between the decoupling capacitors and the corresponding power pins
on the TUSB1310A needs to be minimized. It is also recommended that the trace length from the
capacitor pad to the power or ground plane be minimized.
Figure 5-4. Typical Crystal Connections
5.2
Clock Source Requirements
5.2.1
Clock Source Selection Guide
Reference clock jitter is an important parameter. Jitter on the reference clock will degrade both the
transmit eye and receiver jitter tolerance no matter how clean the rest of the PLL is, thereby impairing
system performance. Additionally, a particularly jittery reference clock may interfere with PLL lock
detection mechanism, forcing the Lock Detector to issue an Unlock signal. A good quality, low jitter
reference clock is required to achieve compliance with supported USB3.0 standards. For example,
USB3.0 specification requires the random jitter (RJ) component of either RX or TX to be 2.42 ps (random
phase jitter calculated after applying jitter transfer function - JTF). As the PLL typically has a number of
additional jitter components, the Reference Clock jitter must be considerably below the overall jitter
budget.
5.2.2
Oscillator
If an external clock source is used, XI should be tied to the clock source and XO should be left floating.
Table 5-1. Oscillator Specification
PARAMETER
MIN
TYP
MAX
UNITS
CONDITION
Frequency tolerance
±50
ppm
Operational temperature
Frequency stability
±50
ppm
1 year aging
Rise/Fall time
6
nsec
20% - 80%
Reference clock RJ
0.8
psec
with JTF (1 sigma)(1)(2)
(1)
Sigma value assuming Gaussian distribution
(2)
After application of JTF
30
DESIGN GUIDELINES
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com