Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 25Page - Texas Instruments TUSB1310A Datasheet HTML 26Page - Texas Instruments TUSB1310A Datasheet HTML 27Page - Texas Instruments TUSB1310A Datasheet HTML 28Page - Texas Instruments TUSB1310A Datasheet HTML 29Page - Texas Instruments TUSB1310A Datasheet HTML 30Page - Texas Instruments TUSB1310A Datasheet HTML 31Page - Texas Instruments TUSB1310A Datasheet HTML 32Page - Texas Instruments TUSB1310A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
90.9 k
±1%
W
10 k
±1%
W
90.9 k
±1%
W
10 k
±1%
W
TUSB1310A
www.ti.com
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
Figure 5-2. USB Standard-A Connector Pin Connection
Figure 5-3. USB Standard-B Connector Pin Connection
5.1.2
Clock Connections
The TUSB1310A supports an external oscillator source or a crystal unit. If a clock is provided to XI instead
of a crystal, XO is left open. Otherwise, if a crystal is used, the connection needs to follow the guidelines
below.
Since XI and XO are coupled to other leads and supplies on the PCB, it is important to keep them as short
as possible and away from any switching leads. It is also recommended to minimize the capacitance
between XI and XO. This can be accomplished by connecting the VSSOSC lead to the two external
capacitors CL1 and CL2 and shielding them with the clean ground lines. The VSSOSC should not be
connected to PCB ground.
Copyright
© 2010–2011, Texas Instruments Incorporated
DESIGN GUIDELINES
29
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com