Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 15Page - Texas Instruments TUSB1310A Datasheet HTML 16Page - Texas Instruments TUSB1310A Datasheet HTML 17Page - Texas Instruments TUSB1310A Datasheet HTML 18Page - Texas Instruments TUSB1310A Datasheet HTML 19Page - Texas Instruments TUSB1310A Datasheet HTML 20Page - Texas Instruments TUSB1310A Datasheet HTML 21Page - Texas Instruments TUSB1310A Datasheet HTML 22Page - Texas Instruments TUSB1310A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Power Supplies
XI
RESETN
Internal latched
strapping pin states
Internal resetn/
PLL_EN/SUSPENDM
PCLK
ULPI_CLK
PHY_STATUS/
ULPI_DIR
Latched data
300 µs
TUSB1310A
www.ti.com
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
Figure 3-1. Power-Up Sequence
After proper power supply sequencing, the reference clock on XI starts to operate. On the RESETN
deassertion, REFCLKSEL1-0 is determined depending on the PHY_MODE pins, PLL is locked and the
valid ULPI_CLK and the valid PCLK are driven.
After all stable clocks are provided, the TUSB1310A allows the Link Layer Controller to access by
deasserting the ULPI_DIR. The Link Layer Controller sets the Reset bit in the ULPI register. At the PIPE
interface, the PHY_STATUS changes from high to low in order to indicate the TUSB1310A is in the power
state specified by the POWER_DOWN signal. After the PHY_STATUS change, the TUSB1310A is ready
for PIPE transactions.
3.2
Clocks
3.2.1
Clock Distribution
A source clock should be provided via XI/XO from an external crystal or from a square wave clock. The
USB3.0 PLL provides a clock to the PIPE which drives 250 MHz. The USB2.0 PLL provides a 60-MHz
clock to the ULPI.
3.2.2
Output Clock
The CLKOUT is used by the Link Layer Controller or the MAC in low power mode. A 120-MHz clock is
available on the CLKOUT pin only in the USB U3 power state.
3.3
Power Management
The SuperSpeed USB power state transition is controlled by the PIPE POWER_DOWN[1-0] and the
Non-SuperSpeed USB power state is transitioned by setting suspendM bit in the ULPI Function control
register via the ULPI or by asserting the ULPI_STP.
Copyright
© 2010–2011, Texas Instruments Incorporated
FUNCTIONAL DESCRIPTION
19
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com