Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 30Page - Texas Instruments TUSB1310A Datasheet HTML 31Page - Texas Instruments TUSB1310A Datasheet HTML 32Page - Texas Instruments TUSB1310A Datasheet HTML 33Page - Texas Instruments TUSB1310A Datasheet HTML 34Page - Texas Instruments TUSB1310A Datasheet HTML 35Page - Texas Instruments TUSB1310A Datasheet HTML 36Page - Texas Instruments TUSB1310A Datasheet HTML 37Page - Texas Instruments TUSB1310A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
VDD1P1
VDD1P8 and
Analog Power Supplies
OUT_ENABLE
XI
RESETN
Latch-In of Hardware
Strapping Pins
ULPI_DIR
Tcfgin1
Drive Output
Strapping pins
Tcfgin2
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
Figure 6-1. Power Up and Reset Timing
Table 6-1. Power Up and Reset Timing
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
Hardware configuration latch-in time from RESETN
Tcfgin1
0
ns
Time from RESETN to driver outputs on strapping pins
Tcfgin2
0
ns
RESETN pulse width
1
µs
RESETN to PHY_STATUS de-assertion
300
µs
6.5.2
PIPE Transmit
Figure 6-2. PIPE Transmit Timing
Table 6-2. PIPE Transmit Timing
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNITS
TX_CLK period
Tcyc2
4
ns
TX_CLK duty cycle
Tdty2
50
%
Data setup to TX_CLK rise and TX_CLK fall(1)
Tsu2
1
ns
Data hold to TX_CLK rise and TX_CLK fall(1)
Thd2
0
ns
(1)
This includes TX_DATA15-0, TX_DATAK1-0, TX_ONESZEROS, RATE, TX_DEEMPTH, TX_DETRX_LPBK, TX_ELECIDLE,
TX_MARGIN, TX_SWING, RX_POLARITY, POWER_DOWN1-0.
34
ELECTRICAL SPECIFICATIONS
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com