Electronic Components Datasheet Search
  English  ▼

X  

TUSB1310A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1310A
Description  USB 3.0 Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB1310A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB1310A Datasheet HTML 4Page - Texas Instruments TUSB1310A Datasheet HTML 5Page - Texas Instruments TUSB1310A Datasheet HTML 6Page - Texas Instruments TUSB1310A Datasheet HTML 7Page - Texas Instruments TUSB1310A Datasheet HTML 8Page - Texas Instruments TUSB1310A Datasheet HTML 9Page - Texas Instruments TUSB1310A Datasheet HTML 10Page - Texas Instruments TUSB1310A Datasheet HTML 11Page - Texas Instruments TUSB1310A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
PIPE
ULPI
MCU/CPU
(16 bit 250 MHz)
(8 bit 60 MHz)
Crystal
TUSB1310A
5.0 Gbps
SSTX P/N
SSRX P/N
DP/DM
CLKOUT
TUSB1310A
SLLSE32D
– NOVEMBER 2010 – REVISED MAY 2011
www.ti.com
1.3
Introduction
The TUSB1310A is a single port, 5.0-Gbps USB 3.0 physical layer transceiver operating off of a single
reference clock provided by either a crystal or an external reference clock. The reference clock
frequencies are selectable from 20, 25, 30, and 40 MHz. The TUSB1310A provides the clock to the USB
controller. The use of a single reference clock allows the TUSB1310A to provide a cost effective USB 3.0
solution with few external components and a low implementation cost.
The USB controller interfaces to the TUSB1310A via a PIPE (SuperSpeed) and a ULPI (USB2.0)
interface. The 16-bit PIPE operates off of a 250-MHz interface clock. The ULPI supports 8-bit operations
with a 60-MHz interface clock.
USB 3.0 reduces active and idle power consumption with improved power management features. The
TUSB1310A low power states are controlled by the USB controller via the PIPE interface.
SuperSpeed USB uses existing USB software infrastructure by keeping the existing software interfaces
and software drivers intact. In addition, SuperSpeed USB retains backward compatibility with USB 2.0
based products by using the same form-factor Type-A connector and cables. Existing USB 2.0 devices will
work with new USB 3.0 hosts and new USB 3.0 devices with work with legacy USB 2.0 hosts.
Figure 1-1. Typical Application
1.4
Functional Block Diagram
The USB physical layer handles the low level USB protocol and signaling. This includes data serialization
and deserialization, 8b/10b encoding, analog buffers, elastic buffers and receiver detection. It shifts the
clock domain of the data from the USB rate to one that is compatible with the link layer controller.
The SuperSpeed USB contains SSTXP/SSTXN and SSRXP/SSRXP differential pairs and uses the PIPE
to communicate with the link layer controller. The Non-SuperSpeed USB has a DP/DM differential pair and
communicates with the link layer controller via the ULPI. The TUSB1310A reference clock is connected to
an internal crystal oscillator, spread spectrum clock and PLL which provides clocks to all functional blocks
and to the CLKOUT pin for the link layer controller.
A JTAG interface is used for IEEE1149.1 and IEEE1149.6 boundary scan.
8
PRODUCT OVERVIEW
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB1310A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com